Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD15011AY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD15011AY
Description  1.50 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD15011AY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD15011AY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD15011AY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD15011AY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121741
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD15011A (Common Cathode)
LD15011B (Common Anode)
7
A
B
64
C
10
3
2
D
E
9
FG
1,5
8
DP
C
B
A
7
6
4
10
G
F
E
D
3
2
9
1,5
DP
8
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 38.10mm(1.5inch), External Dimensions:
30.60x44.00x8.0mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD15011AR
LD15011BR
GaAlAs
Super Red
640
12
15
8
10
LD15011AD
LD15011BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD15011AO
LD15011BO
GaAsP
Orange
625
10.5
13.5
7
9
LD15011AY
LD15011BY
GaAsP
Yellow
588
12
15
8
10
LD15011AG
LD15011BG
GaP
Green
568
10.5
13.5
7
9
LD15011AUR
LD15011BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD15011AUO
LD15011BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD15011AUA
LD15011BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD15011AUY
LD15011BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD15011AUG
LD15011BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD15011APG
LD15011BPG
InGaN
Pure Green
525
180
450
120
300
LD15011AUB
LD15011BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD15011AUW
LD15011BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com