Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1650WSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
6
Operation
MCU Based Digital Circuit
RT1650 is a SoC (System on Chip) produce, which
contains
system
level
feature
to
control
the
communication
with
power
transmitter,
power
calculation
and
GPIO.
The
firmware
can
be
programmed into OTP (One Time Programmable)
memory, so that user can discuss the features with
RICHTEK, and custom some functions and GPIO
behavior. To flexibly control whole functions, this chip
embedded a MTP (Multiple Time Programmable)
memory to save various setting and parameters. The
external
host
can
real-time
read
some
power
information via I2C interface.
OVP (Over Voltage Protection)
The OVP function using to protect the abnormal power
signal to let the RT1650 damaged. Once the VRECT
exceeds 11.5V, this block will drive the CLAMP MOS to
avoid the over voltage damage.
OTP (Over Temperature Protection)
The OTP function shuts down the linear regulator
operation when the junction temperature exceeds
150
C. Once the junction temperature cools down by
around 20
C, the receiver will automatically resume
operating.
Synchronous Rectifier Control
This block detect the zero-cross of the AC1 and AC2
voltage then control the high-side and low-side MOS of
the rectifier. RT1650 provide the Asynchronous,
Half-synchronous and Full-synchronous control to
optimize the rectifier efficiency.
Mode Control
Mode control is using for the default mode, wireless
mode, adapter mode and disable mode selection.
Adapter Detection
In the default mode and adapter mode, adapter
detection block control the ADEN pin to follow the
VADD-5V to avoid the PMOS damaged.
FSK Decoder
This block analysis the frequency from the AC1 and
AC2. This information can use for the FSK (Frequency
Shift Key) decode to the WPC medium power standard.
This information also can use for the power loss
calculation of the resonant tank.
Packet Control
This block build up the WPC standard 2kHz bi-phase
encoding scheme with the asynchronous serial format
and the packet structure. This block control the
open-drain MOS to achieve the ASK (Amplitude Shift
Key) communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com