Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1650WSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 25Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
23
Firmware Setting
Please refer to another document for detailed description
of firmware setting.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For WL-CSP-48B 3x3.4 package, the
thermal resistance,
JA, is 27.2C/W on a standard
JEDEC 51-7 four-layer thermal test board. The
maximum power dissipation at TA = 25C can be
calculated by the following formula :
PD(MAX) = (125C  25C) / (27.2C/W) = 3.67W for
WL-CSP-48B 3x3.4 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure
16 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.
Figure 16. Derating Curve of Maximum Power
Dissipation
Layout Considerations
Follow
the
PCB
layout
guidelines
for
optimal
performance of the IC.
Keep the traces of main current paths as short and
wide as possible.
Place the capacitors as close as possible to the IC.
Power ground should be as large as possible and
connected to a power plane for thermal dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com