Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B8013P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39881B8013P810
Description  SAW Duplexer for smallcells
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8013P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39881B8013P810 Datasheet HTML 1Page - TDK Electronics B39881B8013P810 Datasheet HTML 2Page - TDK Electronics B39881B8013P810 Datasheet HTML 3Page - TDK Electronics B39881B8013P810 Datasheet HTML 4Page - TDK Electronics B39881B8013P810 Datasheet HTML 5Page - TDK Electronics B39881B8013P810 Datasheet HTML 6Page - TDK Electronics B39881B8013P810 Datasheet HTML 7Page - TDK Electronics B39881B8013P810 Datasheet HTML 8Page - TDK Electronics B39881B8013P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
April 09, 2015
B8013
836.5 / 881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer for smallcells
Data sheet
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 8.7 nH
RX teminating impedance:
ZRx =50 Ω
Characteristics Tx-ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
—
881.5
—
MHz
Maximum insertion attenuation
α
869.0
...
894.0
MHz
—
1.9
2.5
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
0.6
1.3
dB
Error Vector Magnitude
@fCarrier
871.4
...
891.6
MHz EVM1)
1) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
—
1.4
3.5
%
VSWR (Tx port)
869.0
...
894.0
MHz
—19
2.1
VSWR (Ant Port)
869.0
...
894.0
MHz
—
1.8
2.1
Attenuation
α
824.0
...
849.0
MHz
52
59
—
dB
1574.4
... 1576.4
MHz
45
58
—
dB
1602.5
... 1615.5
MHz
35
59
—
dB
1710.0
... 1788.0
MHz
40
59
—
dB
1850.0
... 1910.0
MHz
40
57
—
dB
1920.0
... 1980.0
MHz
40
55
—
dB
2400.0
... 2484.0
MHz
21
50
—
dB
2607.0
... 2682.0
MHz
21
47
—
dB
3476.0
... 3576.0
MHz
15
49
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com