Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B8013P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39881B8013P810
Description  SAW Duplexer for smallcells
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8013P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39881B8013P810 Datasheet HTML 1Page - TDK Electronics B39881B8013P810 Datasheet HTML 2Page - TDK Electronics B39881B8013P810 Datasheet HTML 3Page - TDK Electronics B39881B8013P810 Datasheet HTML 4Page - TDK Electronics B39881B8013P810 Datasheet HTML 5Page - TDK Electronics B39881B8013P810 Datasheet HTML 6Page - TDK Electronics B39881B8013P810 Datasheet HTML 7Page - TDK Electronics B39881B8013P810 Datasheet HTML 8Page - TDK Electronics B39881B8013P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
April 09, 2015
B8013
836.5 / 881.5 MHz
SAW Components
SAW Duplexer for smallcells
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 8.7 nH
RX teminating impedance:
ZRx =50 Ω
Maximum Ratings
Characteristics Tx-Rx
min.
typ.
@ 25 ˚C
max.
Attenuation
α
869.0
...
894.0
MHz
53
56
—
dB
824.0
...
849.0
MHz
52
58
—
dB
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115B (machine model), +/-1 pulse.
V
machine model, 1 pulse
Input power at pin 1
Source and load impedance 50
Ω
871.5 ... 891.5 MHz Pin
282)
2) Time to failure (TTF) according to accelerated power durability test, and wear out models.
dBm
Pin 28dBm average -
39dBm peak
LTE 5 MHz dowlink
T = 55˚C, 100 000 hrs
elsewhere
Pin
10
dBm
Operating lifetime with Ouput
power at antenna
Source and load impedance 50
Ω
871.5 ... 891.5 MHz
243)
3) according to accelerated High Temperating Operating Life (HTOL) test.
dBm
Continuous wave
T = 55˚C, 100k hrs
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com