Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC452 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC452
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC452 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC452 Datasheet HTML 1Page - National Semiconductor (TI) CLC452 Datasheet HTML 2Page - National Semiconductor (TI) CLC452 Datasheet HTML 3Page - National Semiconductor (TI) CLC452 Datasheet HTML 4Page - National Semiconductor (TI) CLC452 Datasheet HTML 5Page - National Semiconductor (TI) CLC452 Datasheet HTML 6Page - National Semiconductor (TI) CLC452 Datasheet HTML 7Page - National Semiconductor (TI) CLC452 Datasheet HTML 8Page - National Semiconductor (TI) CLC452 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
+5V Typical Performance (A
v = +2, Rf = 1kΩ,RL = 100Ω,Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 0.5Vpp
Av = 2
Rf = 750Ω
Av = 1
Rf = 1kΩ
Av = 5
Rf = 402Ω
Av = 10
Rf = 249Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-225
-180
-270
-405
-315
-360
Gain
Phase
Vo = 0.5Vpp
Av = -2
Rf = 604Ω
Av = -1
Rf = 681Ω
Av = -5
Rf = 453Ω
Av = -10
Rf = 402Ω
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 0.5Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 2.5Vpp
Frequency Response vs. CL
Frequency (Hz)
1M
10M
100M
Vo = 0.5Vpp
CL = 10pF
Rs = 46.4Ω
CL = 100pF
Rs = 20Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k
Open Loop Transimpedance Gain, Z(s)
Frequency (Hz)
10k
100k
1M
10M
100M
Gain
20
60
100
140
180
220
20
40
60
80
100
120
Phase
Gain Flatness
Frequency (MHz)
10
20
30
Equivalent Input Noise
Frequency (Hz)
3.2
3.1
1k
100k
1M
10M
3
2.8
2.9
Non-Inverting Current 7.5pA/
√Hz
Inverting Current 10.5pA/
√Hz
Voltage 2.85nV/
√Hz
10
12.5
7.5
2.5
5
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-90
-80
-70
-60
-50
-40
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 1kΩ
3rd
RL = 100Ω
2nd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-44
-46
-48
-50
-52
-54
-56
-58
-60
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-35
-40
-45
-50
-55
-60
-65
-70
-75
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-45
-50
-55
-60
-65
-70
-75
-80
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-60
-65
-70
-75
-80
-85
-90
-95
2MHz
5MHz
10MHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com