Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC452 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC452
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC452 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC452 Datasheet HTML 4Page - National Semiconductor (TI) CLC452 Datasheet HTML 5Page - National Semiconductor (TI) CLC452 Datasheet HTML 6Page - National Semiconductor (TI) CLC452 Datasheet HTML 7Page - National Semiconductor (TI) CLC452 Datasheet HTML 8Page - National Semiconductor (TI) CLC452 Datasheet HTML 9Page - National Semiconductor (TI) CLC452 Datasheet HTML 10Page - National Semiconductor (TI) CLC452 Datasheet HTML 11Page - National Semiconductor (TI) CLC452 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
AC Coupled Single Supply Operation
Figures 3 and 4 show possible non-inverting and invert-
ing configurations for input signals that go below 0.8V
DC. The input is AC coupled to prevent the need for
level shifting the input signal at the source. The resistive
voltage divider biases the non-inverting input to VCC ÷2
= 2.5V (For VCC = +5V).
Figure 3: AC Coupled Non-Inverting Configuration
Figure 4: AC Coupled Inverting Configuration
Dual Supply Operation
The CLC452 operates on dual supplies as well as single
supplies. The non-inverting and inverting configurations
are shown in Figures 5 and 6.
Figure 5: Dual Supply Non-Inverting Configuration
Figure 6: Dual Supply Inverting Configuration
Feedback Resistor Selection
The feedback resistor, Rf, affects the loop gain and
frequency response of a current feedback amplifier.
Optimum performance of the CLC452, at a gain of +2V/V,
is achieved with Rf equal to 1kΩ. The frequency response
plots
in
the
Typical
Performance
sections
illustrate the recommended Rf for several gains. These
recommended values of Rf provide the maximum band-
width with minimal peaking.
Within limits, Rf can be
adjusted to optimize the frequency response.
s
Decrease Rf to peak frequency response and
extend bandwidth
s
Increase Rf to roll off frequency response and
compress bandwidth
As a rule of thumb, if the recommended Rf is doubled,
then the bandwidth will be cut in half.
Unity Gain Operation
The recommended Rf for unity gain (+1V/V) operation
is 1k
Ω.R
g is left open.
Parasitic capacitance at the
inverting node may require a slight increase in Rf to
maintain a flat frequency response.
Bandwidth vs. Output Amplitude
The bandwidth of the CLC452 is at a maximum for
output voltages near 1Vpp. The bandwidth decreases
for smaller and larger output amplitudes. Refer to the
Frequency Response vs. Vo plots.
Load Termination
The CLC452 can source and sink near equal amounts of
current. For optimum performance, the load should be
tied to Vcm.
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the CLC452 will
improve
stability
and
settling
performance. The
Frequency Response vs. CL and Recommended Rs
vs. CL plots, in the typical performance section, give the
recommended series resistance value for optimum
flatness at various capacitive loads.
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
Rg
R
4
7
6
C
Cc
R
+
VV
1
R
R
2.5
o
in
f
g
=+
 +
low frequency cutoff
1
2R C
, where: R
R
2
in
c
in
==
π
RRsource
>>
CLC452
3
2
VCC
VCC
2
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
R
4
7
6
Cc
R
+
VV
R
R
2.5
o
in
f
g
=−
 +
low frequency cutoff
1
2R C
gc
=
π
Rg
CLC452
3
2
VCC
VCC
2
+
-
CLC452
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
3
2
4
7
6
+
+
Rg
Rt
V
V
A1
R
R
o
in
v
f
g
== +
+
-
CLC452
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rb
3
2
4
7
6
+
+
Rt
Note: Rb provides DC bias
for the non-inverting input.
Select Rt to yield desired
Rin = Rt || Rg.
V
V
A
R
R
o
in
v
f
g
== −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com