Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU-11223-RA Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # TRU-11223-RA
Description  2.92mm(f) to 2.92mm(m) R/A ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

TRU-11223-RA Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  TRU-11223-RA Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
63
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
.005
ANGLES:
without the prior written consent of TRU Corporation.
TRU Corporation. Reproduction or use thereof, in whole or part, is prohibited
SIZE
revealed herein are the sole, confidential and proprietary property of
This document, including the design, configuration and mechanical features
B
UNLESS OTHERWISE SPECIFIED:
surface area: sq inch
CAGE CODE: 92180
THIRD ANGLE PROJECTION
09/15/08
AM
DATE
MACHINED SURFACES:
MATERIAL
DRAWN
ENG APPR.
MFG APPR.
COMMENTS:
DATE
TITLE:
DWG. NO.
.XXX:
DIMENSIONS ARE IN INCHES
SCALE: 6:1
1/2`
-
REV
weight: lbs
09/12/08
SHEET 1 OF 1
AM
TRU-11223-RA
DO NOT SCALE DRAWING
DATE
DATE
OTHER APPR.
TOLERANCES:
FRACTIONS: 1/64
.XX : .01
2.92mm(f) to 2.92mm(m) R/A ADAPTER
REV.
DESCRIPTION
DATE
APPROVED
-
ORIGINAL ISSUE
09/18/08
AM
2.92mm(f)
2.92mm(m)
.67
.62
ENGINEERING DATA
ELECTRICAL:
FREQUENCY RANGE: DC to 40GHz
VSWR MAX: 1.40:1
INSERTION LOSS MAX: .06x
FREQ (GHz)
MECHANICAL:
INTERFACE PER IEEE 287
MATERIAL:
BODIES & COUPLING NUT: STAINLESS STEEL
CONTACTS: BERYLLIUM COPPER
SUPPORT BEAD: PPO OR EQUIVALENT
FINISH:
BODIES & COUPLING NUT: PASSIVATED
CONTACTS: GOLD PLATED
NOTES:
ALL DIMENSIONS SHOWN ARE REFERENCE ONLY.
1.


Similar Part No. - TRU-11223-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
More results

Similar Description - TRU-11223-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11233 WINCHESTER-TRU-11233 Datasheet
67Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(M) ADAPTER
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com