Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5506 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5506
Description  Gain Trim Amplifier (GTA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5506 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5506 Datasheet HTML 4Page - National Semiconductor (TI) CLC5506 Datasheet HTML 5Page - National Semiconductor (TI) CLC5506 Datasheet HTML 6Page - National Semiconductor (TI) CLC5506 Datasheet HTML 7Page - National Semiconductor (TI) CLC5506 Datasheet HTML 8Page - National Semiconductor (TI) CLC5506 Datasheet HTML 9Page - National Semiconductor (TI) CLC5506 Datasheet HTML 10Page - National Semiconductor (TI) CLC5506 Datasheet HTML 11Page - National Semiconductor (TI) CLC5506 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APPLICATION NOTE
Description
Figure 1 above shows the CLC5506 functional block dia-
gram overview.
The LNA (Low Noise Amplifier) is responsible for maintaining
a nominal input impedance of 200
Ω with minimum noise
contribution and some finite and fixed amount of gain (
∼4).
Exceptional Noise Figure (NF) performance of 4.8dB (@
Gain = 25.75dB) is achieved by utilizing an active impedance
matching circuit technique which overcomes the inevitable
3dB NF penalty when using passive shunt matching.
The LNA stage is immediately followed by a transconduc-
tance stage (Gm) which then converts the LNA’s voltage out-
put into a differential current output with fixed gain.
The 6-bit D/A converter, which processes the digital code
read into the device using the MICROWIRE interface, con-
sists of a 6-bit R2R ladder. In order to achieve true
″Linear in
dB
″ gain control at the output, the D/A converter output is
processed by a
″Linear to Exponential″ converter block be-
fore being used to set the gain of the input signal. The
″Lin-
ear to Exponential
″ block and the ″Temperature Compensa-
tion
″ blocks work in conjunction to achieve gain stability over
the temperature range. Finally, the output stage consists of a
variable gain cell with open Collector output. This variable
gain cell sets the signal channel gain in accordance with the
value of the digital code.
Gain Control
The CLC5506 minimum gain is at 10dB nominal. There are
a total of 64 distinct gain control codes possible (serial data
input through Data In pin) at 0.25dB/code resulting in a maxi-
mum nominal gain of 25.75dB.
Therefore, the overall gain can be written as:
Gain (dB) = 10dB + N
code * 0.25 (dB/code)
where N
code refers to the decimal equivalent of the 6-bit gain
control code.
TABLE 1.
Gain
Typical Gain Setting (dB)
Note
0
10
Minimum Gain Setting
1
10.25
2
10.5
***
***
K
10 + 0.25
*K
***
***
62
25.50
63
25.75
Maximum Gain Setting
Power Down
The CLC5506 is able to go to a Power Down mode in order
to minimize its power consumption to a fraction of its nominal
value. The Power Down mode is activated through the MI-
CROWIRE interface by clocking in a
″1″ into the Power
Down shift register prior to allowing LE (pin 5) to go high. Re-
fer to
Figure 2 and Figure 3 for more information.
In Power Down mode, the CLC5506 sinks less than 35µA.
The CLC5506 will wake up to the requested gain level speci-
fied by Data In through the MICROWIRE interface.
When V
CC is first applied, the device is configured such that
it would always
″wake up″ with a nominal gain of 17.75dB
(N
code = 3).
DS101050-17
FIGURE 1. CLC5506 Functional Block Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com