Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5506 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5506
Description  Gain Trim Amplifier (GTA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5506 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5506 Datasheet HTML 1Page - National Semiconductor (TI) CLC5506 Datasheet HTML 2Page - National Semiconductor (TI) CLC5506 Datasheet HTML 3Page - National Semiconductor (TI) CLC5506 Datasheet HTML 4Page - National Semiconductor (TI) CLC5506 Datasheet HTML 5Page - National Semiconductor (TI) CLC5506 Datasheet HTML 6Page - National Semiconductor (TI) CLC5506 Datasheet HTML 7Page - National Semiconductor (TI) CLC5506 Datasheet HTML 8Page - National Semiconductor (TI) CLC5506 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CLC5506
Gain Trim Amplifier (GTA)
General Description
The CLC5506 is a low-noise amplifier with programmable
gain for use in cellular base stations, WLL, radar and RF/IF
subsystems where gain-control is required to increase the
dynamic range. The CLC5506 allows designers to compen-
sate for manufacturing component tolerances and tempera-
ture variations in receiver front ends. Maximum amplifier
gain is set at 26dB . A three-line MICROWIRE serial inter-
face allows 16dB of attenuation from the max gain setting in
precise 0.25dB steps.
The CLC5506 uses a differential input and output, allowing
large output swings on a single 5V rail. The differential output
is well suited for impedance matching networks driving SAW
filters or directly driving differential input analog to digital
converters (ADC). The differential output also makes it pos-
sible to drive transformers allowing designers the ability to
match a wide variety of transmission lines. The output ampli-
fier has excellent output drive with low distortion.
Digital control of the CLC5506 is accomplished using MI-
CROWIRE Interface. Data Out and a Load Enable are incor-
porated so that more than one CLC5506/channel may be
programmed per system.
The CLC5506 maintains a 600MHz performance bandwidth
over its entire gain and attenuation range from +10dB to
+26dB. Gain control is divided into 64 equal steps of 0.25dB
and is dB-linear. Output drive and distortion performance are
excellent; In a 50
Ω system, the third-order output intercept
point is +22dBm at nominal gain of 18dB at 25˚C. The
CLC5506 operates over the industrial temperature range of
−40˚C to +85˚C.
Features
n 600MHz bandwidth
n 26dB maximum gain
@ 150MHz
n 16dB gain control range
n Attenuation step size:
0.25dB
n 4.8dB noise figure
@ 26dB
n +22dBm output IP3
@ 18dB gain
n Digital
″dB Linear″ gain control
n Supply voltage:
5V
n Supply current:
75mA
n Supply shutdown:
35µA
n Package: SOIC-14
n Typical at 25˚C
Applications
n Cellular base-stations
n Base station repeater
n Wireless Local Loop
n Radar
n Receivers
n IF amplifiers
n Digital IF receiver
n Software radio
n Satellite communications
MICROWIRE™
Frequency Response vs. Gain Setting
DS101050-1
September 1999
© 1999 National Semiconductor Corporation
DS101050
www.national.com


Similar Part No. - CLC5506

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
CLC5509CM NSC-CLC5509CM Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
More results

Similar Description - CLC5506

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
TriQuint Semiconductor
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
Gain Block Amplifier
logo
Analog Devices
AD8366 AD-AD8366 Datasheet
368Kb / 13P
DC to 500 MHz, Dual Digital Gain Trim Amplifier
Rev. PrC
logo
Maxim Integrated Produc...
MAX9939 MAXIM-MAX9939 Datasheet
308Kb / 14P
SPI Programmable-Gain Amplifier with Input Vos Trim and Output Op Amp
Rev 0; 11/08
MAX9939 MAXIM-MAX9939_09 Datasheet
368Kb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 1; 2/09
MAX9939 MAXIM-MAX9939_10 Datasheet
304Kb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 2; 12/10
logo
Mini-Circuits
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
Flat Gain Amplifier
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
logo
Maxim Integrated Produc...
MAX9939 MAXIM-MAX9939_V01 Datasheet
1Mb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com