Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5602 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5602
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5602 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5602 Datasheet HTML 1Page - National Semiconductor (TI) CLC5602 Datasheet HTML 2Page - National Semiconductor (TI) CLC5602 Datasheet HTML 3Page - National Semiconductor (TI) CLC5602 Datasheet HTML 4Page - National Semiconductor (TI) CLC5602 Datasheet HTML 5Page - National Semiconductor (TI) CLC5602 Datasheet HTML 6Page - National Semiconductor (TI) CLC5602 Datasheet HTML 7Page - National Semiconductor (TI) CLC5602 Datasheet HTML 8Page - National Semiconductor (TI) CLC5602 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
+5V Typical Performance (A
v = +2, Rf = 750Ω,RL = 100Ω,Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 0.5Vpp
Av = +1
Rf = 1.0kΩ
Av = +2
Rf = 649Ω
Av = +5
Rf = 301Ω
Av = +10
Rf = 200Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
135
180
90
-45
45
0
Gain
Phase
Vo = 0.5Vpp
Av = -2
Rf = 649Ω
Av = -1
Rf = 649Ω
Av = -5
Rf = 649Ω
Av = -10
Rf = 500Ω
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 0.5Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 1Vpp
Vo = 0.1Vpp
Gain Flatness & Linear Phase
Frequency (MHz)
10
20
30
0
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Gain
Phase
Open Loop Transimpedance Gain, Z(s)
Frequency (Hz)
1k
10k
100k
1M
10M
100M
Gain
0
45
90
135
180
225
40
60
80
100
120
140
Phase
PSRR & CMRR
Frequency (Hz)
1k
10k
100M
0
10
20
30
40
50
60
100k
1M
10M
PSRR
CMRR
Equivalent Input Noise
Frequency (Hz)
3.6
3.5
3.4
10k
100k
1M
10M
3.3
3.2
Non-Inverting Current 7pA/
√Hz
Inverting Current 8.7pA/
√Hz
Voltage 3.35nV/
√Hz
10
12.5
7.5
2.5
5
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
-100
-90
-80
-70
-60
-50
-40
-30
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
Vo = 2Vpp
2nd & 3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-90
-80
-70
-60
-50
-40
-30
-20
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
2nd & 3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-100
-90
-80
-70
-60
-50
-40
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
2nd & 3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-100
-90
-80
-70
-60
-50
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
Large & Small Signal Pulse Response
Time (10ns/div)
Large Signal
Small Signal
Closed Loop Output Resistance
Frequency (Hz)
10k
100k
1M
10M
100M
0.01
0.1
1
10
100
VCC = ±5V
IBI, IBN, VIO vs. Temperature
Temperature (
°C)
-60
-20
20
60
100
140
-1.5
-3
-1.0
-2
-0.5
-1
00
0.5
1
1.0
2
-1.5
3
IBN
IBI
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com