Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5602 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5602
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5602 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC5602 Datasheet HTML 4Page - National Semiconductor (TI) CLC5602 Datasheet HTML 5Page - National Semiconductor (TI) CLC5602 Datasheet HTML 6Page - National Semiconductor (TI) CLC5602 Datasheet HTML 7Page - National Semiconductor (TI) CLC5602 Datasheet HTML 8Page - National Semiconductor (TI) CLC5602 Datasheet HTML 9Page - National Semiconductor (TI) CLC5602 Datasheet HTML 10Page - National Semiconductor (TI) CLC5602 Datasheet HTML 11Page - National Semiconductor (TI) CLC5602 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
Figure 9: Power Derating Curves
Layout Considerations
A proper printed circuit layout is essential for achieving
high
frequency
performance.
National
provides
evaluation boards for the CLC5602 (CLC730038-DIP,
CLC730036-SOIC) and suggests their use as a guide for
high frequency layout and as an aid for device testing and
characterization.
General layout and supply bypassing play major roles in
high frequency performance. Follow the steps below as
a basis for high frequency layout:
s
Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
s
Place the 6.8
µF capacitors within 0.75 inches
of the power pins.
s
Place the 0.1
µF capacitors less than 0.1 inches
from the power pins.
s
Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance.
s
Minimize all trace lengths to reduce series
inductances.
s
Use flush-mount printed circuit board pins for
prototyping, never use high profile DIP sockets.
Evaluation Board Information
A data sheet is available for the CLC730038/ CLC730036
evaluation boards.
The evaluation board data sheet
provides:
s
Evaluation board schematics
s
Evaluation board layouts
s
General information about the boards
The evaluation boards are designed to accommodate
dual supplies. The boards can be modified to provide
single supply operation.
For best performance; 1) do
not connect the unused supply, 2) ground the unused
supply pin.
SPICE Models
SPICE models provide a means to evaluate amplifier
designs. Free SPICE models are available for National’s
monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many derivatives
s
Reproduce typical DC, AC, Transient, and Noise
performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled parame-
ters.
The application note OA-18, Simulation SPICE
Models for National’s Op Amps, contains schematics and
a reproduction of the readme file.
Single Supply Cable Driver
The typical application shown below shows one of the
CLC5602 amplifiers driving 10m of 75
Ω coaxial cable.
The CLC5602 is set for a gain of +2V/V to compensate
for the divide-by-two voltage drop at Vo.
Figure 10: Single Supply Cable Driver
Figure 11: Response After 10m of Cable
Single Supply Lowpass Filter
Figures 12 and 13 illustrate a lowpass filter and design
equations. The circuit operates from a single supply of
+5V. The voltage divider biases the non-inverting input to
2.5V. And the input is AC coupled to prevent the need for
level shifting the input signal at the source.
Use the
design equations to determine R1, R2, C1, and C2 based
on the desired Q and corner frequency.
Application Circuits
+
-
1/2
CLC5602
1k
Ω
0.1
µF
6.8
µF
Vo
Vin
+5V
3
2
4
8
1
+
1k
Ω
5k
Ω
5k
Ω
0.1
µF
10m of 75
Ω
Coaxial Cable
75
Ω
0.1
µF
75
Ω
0.1
µF
20ns/div
Vin = 10MHz, 0.5Vpp
Ambient Temperature (
°C)
0
0.2
0.4
0.6
0.8
1.0
-40 -20
0
20
40
60
80 100 120
180
IN
IM
140 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com