Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5612 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5612 Datasheet HTML 1Page - National Semiconductor (TI) CLC5612 Datasheet HTML 2Page - National Semiconductor (TI) CLC5612 Datasheet HTML 3Page - National Semiconductor (TI) CLC5612 Datasheet HTML 4Page - National Semiconductor (TI) CLC5612 Datasheet HTML 5Page - National Semiconductor (TI) CLC5612 Datasheet HTML 6Page - National Semiconductor (TI) CLC5612 Datasheet HTML 7Page - National Semiconductor (TI) CLC5612 Datasheet HTML 8Page - National Semiconductor (TI) CLC5612 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
+5 Electrical Characteristics (Continued)
(A
V= +2, RL = 100Ω,VS +5V
1,V
CM =VEE +(VS/2), RL tied to Vcm, unless specified)
Symbol
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
Static, DC Performance
Common Mode Rejection Ratio
DC
47
45
43
43
dB
Supply Current (Per Amplifier)
(Note 3)
R
L = ∞
1.5
1.7
1.8
1.8
mA
Miscellaneous Performance
Input Resistance (Non-Inverting)
0.41
0.29
0.26
0.26
M
Ω
Input Capacitance (Non-Inverting)
2.2
3.3
3.3
3.3
pF
Input Voltage Range, High
4.2
4.1
4.0
4.0
V
Input Voltage Range, Low
0.8
0.9
1.0
1.0
V
Output Voltage Range, High
R
L = 100Ω
4.0
3.9
3.8
3.8
V
Output Voltage Range, Low
R
L = 100Ω
1.0
1.1
1.2
1.2
V
Output Voltage Range, High
R
L = ∞
4.1
4.0
4.0
3.9
V
Output Voltage Range, Low
R
L = ∞
0.9
1.0
1.0
1.1
V
Output Current
100
80
65
40
mA
Output Resistance, Closed loop
DC
400
600
600
600
m
Ω
±5V Electrical Characteristics
(A
V = +2, RL = 100Ω,VCC = ±5V, unless specified)
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Ambient Temperature
CLC5612IN/IM
+25˚C
+25˚C
0 to
70˚C
−40 to
85˚C
Frequency Domain Response
-3dB Bandwidth
V
O = 1.0VPP
90
75
65
65
MHz
V
O = 4.0VPP
49
43
40
38
MHz
−0.1dB Bandwidth
V
O = 1.0VPP
17
12
10
10
MHz
Gain Peaking
<200MHz, V
O = 1.0VPP
0
0.5
0.9
1.0
dB
Gain Rolloff
<30MHz, V
O = 1.0VPP
0.2
0.5
0.7
0.7
dB
Linear Phase Deviation
<30MHz, V
O = 1.0VPP
0.2
0.4
0.5
0.5
deg
Differential Gain
NTSC, R
L = 150Ω
0.15
0.4
–
–
%
Differential Phase
NTSC, R
L =150Ω
0.02
0.06
–
–
deg
Time Domain Response
Rise and Fall Time
2V Step
6.2
6.9
7.3
7.7
ns
Settling Time to 0.05%
2V Step
17
19
35
55
ns
Overshoot
2V Step
10
16
18
18
%
Slew Rate
2V Step
290
250
220
200
V/µs
Distortion And Noise Response
2nd Harmonic Distortion
2V
PP,1MHz
−74
−70
−67
−67
dBc
2V
PP,1MHz; RL =1KΩ
−87
−80
−77
−77
dBc
2V
PP,5MHz
−67
−61
−59
−59
dBc
3rd Harmonic Distortion
2V
PP,1MHz
−86
−82
−79
−79
dBc
2V
PP,1MHz; RL =1KΩ
−93
−88
−85
−85
dBc
2V
PP,5MHz
−63
−59
−56
−56
dBc
Equivalent Input Noise
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com