Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5612 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5612 Datasheet HTML 1Page - National Semiconductor (TI) CLC5612 Datasheet HTML 2Page - National Semiconductor (TI) CLC5612 Datasheet HTML 3Page - National Semiconductor (TI) CLC5612 Datasheet HTML 4Page - National Semiconductor (TI) CLC5612 Datasheet HTML 5Page - National Semiconductor (TI) CLC5612 Datasheet HTML 6Page - National Semiconductor (TI) CLC5612 Datasheet HTML 7Page - National Semiconductor (TI) CLC5612 Datasheet HTML 8Page - National Semiconductor (TI) CLC5612 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CLC5612
Dual, High Output, Programmable Gain Buffer
General Description
The CLC5612 is a dual, low cost, high speed (90MHz) buffer
which features user programmable gains of +2, +1, and
−1V/V. The CLC5612 also has a new output stage that
delivers high output drive current (130mA), but consumes
minimal quiescent supply current (1.5mA/ch) from a single
5V supply. Its current feedback architecture, fabricated in an
advanced
complementary
bipolar
process,
maintains
consistent performance over a wide range of gains and
signal levels, and has a linear phase response up to one half
of the −3dB frequency.
The CLC5612 offers 0.1dB gain flatness to 18MHz and
differential gain and phase errors of 0.15% and 0.02˚. These
features are ideal for professional and consumer video
applications.
The CLC5612 offers superior dynamic performance with a
90MHz small signal bandwidth, 290V/µs slew rate and 6.2ns
rise/fall times (2V
step). The combination of low quiescent
power,
high
output
current
drive,
and
high
speed
performance make the CLC5612 well suited for many
battery powered personal communication/computing sys-
tems.
The ability to drive low impedance, highly capacitive loads,
makes
the
CLC5612
ideal
for
single
ended
cable
applications. It also drives low impedance loads with
minimum distortion. The CLC5612 will drive a 100
Ω load
with only −74/−86dBc second/third harmonic distortion (A
V=
+2, V
OUT =2VPP, f = 1MHz). With a 25Ω load, and the same
conditions,
it
produces
only
-70/-67dBc
second/third
harmonic distortion. It is also optimized for driving high
currents into single-ended transformers and coils.
When driving the input of high resolution A/D converters, the
CLC5612
provides
excellent
−87/−93dBc
second/third
harmonic distortion (A
V = +2, VOUT, f = 1MHz, RL =1kΩ)
and fast settling time.
Features
n
130mA output current
n
0.15%, 0.02˚ differential gain, phase
n
1.5mA/ch supply current
n
90MHz bandwidth (A
V = +2)
n
−87/−93dBc HD2/HD3 (1MHz)
n
17ns settling to 0.05%
n
290V/µs slew rate
n
Stable for capacitive loads up to 1000pf
n
Single 5V to ±5V supplies
Applications
n
Video line driver
n
Coaxial cable driver
n
Twisted pair driver
n
Transformer/coil driver
n
High capacitive load driver
n
Portable/battery powered applications
n
A/D driver
Connection Diagram
Maximum Output Voltage vs. R
L
DS015001-1
DS015001-3
Pinout
DIP & SOIC
January 2001
© 2001 National Semiconductor Corporation
DS015001
www.national.com


Similar Part No. - CLC5612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
CLC561A8 NSC-CLC561A8 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
CLC561AI NSC-CLC561AI Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
More results

Similar Description - CLC5612

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
Dual, High Output, Programmable Gain Buffer
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
National Semiconductor ...
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
CML Microcircuits
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
Programmable 30dB Output Gain Range
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com