Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 17Page - Linear Technology LTC1871 Datasheet HTML 18Page - Linear Technology LTC1871 Datasheet HTML 19Page - Linear Technology LTC1871 Datasheet HTML 20Page - Linear Technology LTC1871 Datasheet HTML 21Page - Linear Technology LTC1871 Datasheet HTML 22Page - Linear Technology LTC1871 Datasheet HTML 23Page - Linear Technology LTC1871 Datasheet HTML 24Page - Linear Technology LTC1871 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
LTC1871
The inductor ripple current is:
∆=
=
=
I
I
D
A
L
O MAX
MAX
χ •
–
.•
–.
.
()
1
04
7
10 39
46
And so the inductor value is:
L
V
If
D
V
A
kHz
H
IN MIN
L
MAX
=
∆
==
µ
()
•
•
.
.•
•.
.
33
4 6
300
039
0 93
The component chosen is a 1
µH inductor made by
Sumida (part number CEP125-H 1ROMH) which has a
saturation current of greater than 20A.
5. With the input voltage to the IC bootstrapped to the
output of the power supply (5V), a logic-level MOSFET
can be used. Because the duty cycle is 39%, the
maximum SENSE pin threshold voltage is reduced from
its low duty cycle typical value of 150mV to approxi-
mately 140mV. Assuming a MOSFET junction tempera-
ture of 125
°C, the room temperature MOSFET RDS(ON)
should be less than:
RV
D
I
V
A
m
DS ON
SENSE MAX
MAX
O MAX
T
()
(
)
()
•
–
••
.•
–.
.
•• .
.
≤
+


=
+


=Ω
1
1
2
0 140
10 39
1
04
2
71 5
68
χ
ρ
The MOSFET used was the Fairchild FDS7760A, which
has a maximum RDS(ON) of 8mΩ at 4.5V VGS, a BVDSS
of greater than 30V, and a gate charge of 37nC at 5V
VGS.
6. The diode for this design must handle a maximum DC
output current of 10A and be rated for a minimum
reverse voltage of VOUT, or 5V. A 25A, 15V diode from
On Semiconductor (MBRB2515L) was chosen for its
high power dissipation capability.
7. The output capacitor usually consists of a high valued
bulk C connected in parallel with a lower valued, low
ESR ceramic. Based on a maximum output ripple
voltage of 1%, or 50mV, the bulk C needs to be greater
than:
C
I
Vf
A
V
kHz
F
OUT
OUT MAX
OUT
≥=
=µ
()
.•
•
.•
•
001
7
0 01 5
300
466
The RMS ripple current rating for this capacitor needs
to exceed:
II
VV
V
A
VV
V
A
RMS COUT
O MAX
OIN MIN
IN MIN
()
(
)
()
()
•
–
•
–.
.
≥=
=
7
53 3
33
5
To satisfy this high RMS current demand, four 150
µF
Panasonic capacitors (EEFUEOJ151R) are required.
In parallel with these bulk capacitors, two 22
µF, low
ESR (X5R) Taiyo Yuden ceramic capacitors
(JMK325BJ226MM) are added for HF noise reduction.
Check the output ripple with a single oscilloscope
probe connected directly across the output capacitor
terminals, where the HF switching currents flow.
8. The choice of an input capacitor for a boost converter
depends on the impedance of the source supply and the
amount of input ripple the converter will safely tolerate.
For this particular design and lab setup a 100
µF Sanyo
Poscap (6TPC 100M), in parallel with two 22
µF Taiyo
Yuden ceramic capacitors (JMK325BJ226MM) is re-
quired (the input and return lead lengths are kept to a
few inches, but the peak input current is close to 20A!).
As with the output node, check the input ripple with a
single oscilloscope probe connected across the input
capacitor terminals.
PC Board Layout Checklist
1. In order to minimize switching noise and improve
output load regulation, the GND pin of the LTC1871
should be connected directly to 1) the negative termi-
nal of the INTVCC decoupling capacitor, 2) the negative
terminal of the output decoupling capacitors, 3) the
source of the power MOSFET or the bottom terminal of
the sense resistor, 4) the negative terminal of the input
capacitor and 5) at least one via to the ground plane
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com