Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 28Page - Linear Technology LTC1871 Datasheet HTML 29Page - Linear Technology LTC1871 Datasheet HTML 30Page - Linear Technology LTC1871 Datasheet HTML 31Page - Linear Technology LTC1871 Datasheet HTML 32Page - Linear Technology LTC1871 Datasheet HTML 33Page - Linear Technology LTC1871 Datasheet HTML 34Page - Linear Technology LTC1871 Datasheet HTML 35Page - Linear Technology LTC1871 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
LTC1871
TYPICAL APPLICATIO S
5V to 15V Input, – 5V/5A Output Positive-to-Negative Converter with Undervoltage Lockout and Level-Shifted Feedback
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871
RT
80.6k
1%
R1
154k
1%
R2
68.1k
1%
C1
1nF
CVCC
4.7
µF
10V
X5R
C2
10nF
R4
10k
1%
R5
40.2k
1%
R3
10k
1%
4
3
2
6
1
CIN
47
µF
16V
X5R
M1
CIN: TDK C5750X5R1C476M
CDC: TDK C5750X7R1E226M
COUT: TDK C5750X5R0J107M
CVCC: TAIYO YUDEN LMK316BJ475ML
D1
•
•
L1*
L2*
RC
10k
CC1
10nF
CC2
330pF
VIN
5V to 15V
VOUT
–5V
5A
GND
1871 TA05
COUT
100
µF
6.3V
X5R
×2
D1:
ON SEMICONDUCTOR MBRB2035CT
L1, L2: COILTRONICS VP5-0053 (*3 WINDINGS IN PARALLEL
FOR THE PRIMARY, 3 IN PARALLEL FOR SECONDARY)
M1:
INTERNATIONAL RECTIFIER IRF7822
CDC
22
µF
25V
X7R
LT1783



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com