Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5612IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5612IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (A
V = +2, RL= 100Ω,VS +5V
1,V
CM =VEE+(VS/2), RL tied to
VCM, unless specified) (Continued)
Application Division
CLC5612 Operation
The CLC5612 is a current feedback buffer fabricated in an
advanced complementary bipolar process. The CLC5612
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the CLC5612 has the
following features:
•
Gains of +1, −1, and 2V/V are achievable without
external resistors
•
Provides 100mA of output current while consuming only
7.5mW of power
•
Offers low −79/−81dBc 2nd and 3rd harmonic distortion
•
Provides BW>50MHz and 1MHz distortion <−75dBc at
V
O =2VPP
The CLC5612 performance is further enhanced in ±5V
supply applications as indicated in the ±5V Electrical
Characteristics table and ±5V Typical Performance plots.
If gains other than +1, −1, or +2V/V are required, then the
CLC5602 can be used. The CLC5602 is a current feedback
amplifier with near identical performance and allows for
external feedback and gain setting resistors.
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
•
Independence of AC bandwidth and voltage gain
•
Inherently stable at unity gain
•
Adjustable frequency response with feedback resistor
•
High slew rate
•
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
(1)
where:
•
A
V is the closed loop DC voltage gain
•
R
f is the feedback resistor
•
Z(j
ω) is the CLC5612’s open loop transimpedance gain
•
Z(j
ω)/R
f is the loop gain
The denominator of Equation 1 is approximately equal to 1 at
low frequencies. Near the −3dB corner frequency in the
interaction between R
f
and Z(j
ω) dominates the circuit
performance. The value of the feedback resistor has a large
affect on the circuits performance. Increasing R
f has the
following affects:
•
Decreases loop gain
•
Decreases bandwidth
•
Reduces gain peaking
•
Lowers pulse response overshoot
•
Affects frequency response phase linearity
CLC5612 Design Information
Closed Loop Gain Selection
The CLC5612 is a current feedback op amp with R
f=Rg=1kΩ
on chip (in the package). Select from three closed loop gains
without using any external gain or feedback resistors.
Implement gains of +2, +1, and −1V/V by connecting pins 2
and 3 (or 5 and 6) as described in the chart below.
Gain A
V
Input Connections
Non-Inverting (pins 3,5)
Inverting (pins 2,6)
−1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground
The gain accuracy of the CLC5612 is excellent and stable
over temperature change. The internal gain setting resistors,
R
f
and R
g
are diffused silicon resistors with a process
variation of ± 20% and a temperature coefficient of
−2000ppm/˚C. Although their absolute values change with
processing and temperature, their ratio (R
f/Rg)
remains
constant. If an external resistor is used in series with R
g, gain
accuracy over temperature will suffer.
Single Supply Operation (V
cc = +5V/V, VEE=GND)
The
specifications
given
in
the
±5V
Electrical
Characteristics table for single supply operation are
measured with a common mode voltage (V
cm) of 2.5V. Vcm is
the voltage around which the inputs are applied and the
output voltages are specified.
Pulse Crosstalk
Time (10ns/div)
Active Output
Channel
Inactive Output
Channel
DS015001-36
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com