Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5612IM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612IM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC5612IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Division (Continued)
Operating from a single +5V supply, the Common Mode
Input Range (CMIR) of the CLC5612 is typically +0.8V to
+4.2V. The typical output range with R
L=100Ω is +1.0V to
+4.0V.
For single supply DC coupled operation, keep input signal
levels above 0.8V DC. For input signals that drop below 0.8V
DC, AC
coupling
and
level
shifting
the
signal
are
recommended. The non-inverting and inverting configura-
tions for both input conditions are illustrated in the following
sections.
DC Coupled Single Supply Operation
Figure 1, Figure 2, and Figure 3 on the following page, show
the recommended configurations for input signals that
remain above 0.8V DC.
AC Coupled Single Supply Operation
Figure 4, Figure 5, and Figure 6 show possible non-inverting
and inverting configurations for input signals that go below
0.8V DC.
The input is AC coupled to prevent the need for level shifting
the input signal at the source. The resistive voltage divider
biases the non-inverting input to V
CC2 = 2.5V (For VCC =
+5V).
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
0.1
µF
6.8
µF
Vo
Vin
Rb
Rt
+
Vcm
VCC
RL
Vcm
Note: Rb provides DC bias for the non-inverting input.
Rb, RL and Rt are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 not shown.
Vcm
Select Rt to yield desired Rin = Rt||Rg, where Rg = 1kΩ.
DS015001-39
FIGURE 1. DC Coupled, A
V = -1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
Vo
RL
Vcm
0.1
µF
6.8
µF
Vin
Rt
+
Vcm
VCC
Note: Rt and RL are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 not shown.
DS015001-40
FIGURE 2. DC Coupled, A
V = +1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
Vo
RL
Vcm
0.1
µF
6.8
µF
Vin
Rt
+
Vcm
VCC
Note: Rt, RL and Rg are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 not shown.
Vcm
DS015001-41
FIGURE 3. DC Coupled, A
V = +2V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
V
V
2.5
Low frequency cutoff
1
2R C
o
in
g C
=−
+
=
π
where Rg = 1kΩ.
,
Vo
Note: Channel 2 not shown.
DS015001-42
FIGURE 4. AC Coupled, A
V = -1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
Vo
Note: Channel 2 not shown.
V
V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
DS015001-43
FIGURE 5. AC Coupled, A
V = +1V/V Configuration
V
2V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
Vo
Note: Channel 2 not shown.
C
DS015001-44
FIGURE 6. AC Coupled, A
V = +2V/V Configuration
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com