Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF501 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF501 Datasheet HTML 1Page - Micrel Semiconductor MICRF501 Datasheet HTML 2Page - Micrel Semiconductor MICRF501 Datasheet HTML 3Page - Micrel Semiconductor MICRF501 Datasheet HTML 4Page - Micrel Semiconductor MICRF501 Datasheet HTML 5Page - Micrel Semiconductor MICRF501 Datasheet HTML 6Page - Micrel Semiconductor MICRF501 Datasheet HTML 7Page - Micrel Semiconductor MICRF501 Datasheet HTML 8Page - Micrel Semiconductor MICRF501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2003
1
MICRF501
MICRF501
Micrel
MICRF501
300MHz to 600MHz RadioWire™ RF Transceiver
Final
General Description
The MICRF501 is a single chip tranceiver intended for ISM
(Industrial, Scientific and Medical) and SRD (Short Range
Device) frequency bands from 300MHz to 600MHz with FSK
data rates up to 128k baud.
The transmitter consists of a PLL frequency synthesizer and
a power amplifier. The frequency synthesizer consists of a
voltage-controlled oscillator (VCO), a crystal oscillator, dual-
modulus prescaler, programmable frequency dividers and a
phase-detector. The loop filter is external for flexibility and
can be a simple passive circuit. The VCO is a Colpitts
oscillator which requires an external resonator and varactor.
FSK modulation can be applied externally to the VCO or the
crystal oscillator. The synthesizer has two different N, M and
A frequency dividers. FSK modulation can also be imple-
mented by switching between these dividers (max. 2400bps).
The lengths of the N and M and A registers are 12, 10 and 6
bits respectively. For all types of FSK modulation, data is
entered at the DATAIXO pin (see application circuit). The
output power of the power amplifier can be programmed to
eight levels. A lock-detect circuit detects when the PLL is in
lock.
In receive mode the PLL synthesizer generates the local
oscillator (LO) signal. The N, M and A values that give the LO
frequency are stored in the N0, M0 and A0 registers. The
receiver is a zero intermediate frequency (IF) type in order to
make channel filtering possible with low-power integrated
low-pass filters. The receiver consists of a low noise amplifier
(LNA) that drives a quadrature mixer pair. The mixer outputs
feed two identical signal channels in phase quadrature. Each
channel includes a preamplifier, a third order Sallen-Key RC
low pass filter that protects the following gyrator filter from
strong adjacent channel signals and finally, a limiter. The
main channel filter is a gyrator capacitor implementation of a
seven-pole elliptic low pass filter. The elliptic filter minimizes
the total capacitance required for a given selectivity and
dynamic range. The cut-off frequency of the Sallen-Key RC
filter can be programmed to four different frequencies: 10kHz,
30kHz, 60kHz and 200kHz. An external resistor adjusts the
cut-off frequency of the gyrator filter. The demodulator de-
modulates the I and Q channel outputs and produces a digital
data output. It detects the relative phase of the I and the Q
channel signal. If the I channel signal lags the Q channel, the
FSK tone frequency lies above the LO frequency (data ‘1’). If
the I channel leads the Q channel, the FSK tone lies below the
LO frequency (data ‘0’). The output of the receiver is available
on the DATAIXO pin. A RSSI (Receive Signal Strength
Indicator) circuit indicates the received signal level.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Features
• Frequency range: 300MHz to 600MHz
• Modulation: FSK
• RF output power: 12dBm
• Sensitivity (19.2k bauds, BER=10-3): –105dBm
• Maximum data rate: 128k bauds
Applications
• Telemetry
• Remote metering
• Wireless controller
• Wireless data repeaters
• Remote control systems
• Wireless modem
• Wireless security system
Ordering Information
Part Number
Ambient Temp. Range
Package
MICRF501BLQ
–40
°C to +85°C
44-Lead LQFP
RadioWire is a trademark of Micrel, Inc.
A two pin serial interface is used to program the circuit.
External components are necessary for RF input and output
impedance matching and decoupling of power. Other exter-
nal components are the VCO resonator circuit with varactor,
crystal, feedback capacitors and components for FSK modu-
lation with the VCO, loop filter, bias resistors for the power
amplifier and gyrator filters. A T/R switch can be implemented
with 2-pin diodes. This gives maximum input sensitivity and
transmit output power.
RadioWire™


Similar Part No. - MICRF501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
700MHz to 1.1GHz RadioWire RF Transceiver
MICRF500BLQ MICREL-MICRF500BLQ Datasheet
143Kb / 18P
700MHz to 1.1GHz RadioWire RF Transceiver
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505 Datasheet
474Kb / 42P
850MHz and 950MHz ISM Band Transceiver
MICRF505BML MICREL-MICRF505BML Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
More results

Similar Description - MICRF501

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
700MHz to 1.1GHz RadioWire RF Transceiver
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
300MHz to 11GHz Precision Dual RF Power Detector
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
300MHz to 3GHz RF Power Detector in SC70 Package
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
300MHz to 11GHz Precision Dual RF Power Detector
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
600MHz to 7GHz Precision RF Detector with Fast Comparator Output
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
logo
Renesas Technology Corp
F0424 RENESAS-F0424 Datasheet
2Mb / 24P
High-Gain Broadband RF Amplifier 600MHz to 5000MHz
February 13, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com