Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12439FN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NBC12439FN
Description  3.3 V/5 V Programmable PLL Synthesized Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FN Datasheet(HTML) 4 Page - ON Semiconductor

  NBC12439FN Datasheet HTML 1Page - ON Semiconductor NBC12439FN Datasheet HTML 2Page - ON Semiconductor NBC12439FN Datasheet HTML 3Page - ON Semiconductor NBC12439FN Datasheet HTML 4Page - ON Semiconductor NBC12439FN Datasheet HTML 5Page - ON Semiconductor NBC12439FN Datasheet HTML 6Page - ON Semiconductor NBC12439FN Datasheet HTML 7Page - ON Semiconductor NBC12439FN Datasheet HTML 8Page - ON Semiconductor NBC12439FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NBC12439
http://onsemi.com
4
The following gives a brief description of the functionality of the NBC12439 Inputs and Outputs. Unless explicitly stated,
all inputs are CMOS/TTL compatible with either pull-up or pulldown resistors. The PECL outputs are capable of driving two
series terminated 50
W transmission lines on the incident edge.
PIN FUNCTION DESCRIPTION
Pin Name
Function
Description
INPUTS
XTAL1, XTAL2
Crystal Inputs
These pins form an oscillator when connected to an external series-resonant
crystal.
S_LOAD*
CMOS/TTL Serial Latch Input
(Internal Pulldown Resistor)
This pin loads the configuration latches with the contents of the shift registers. The
latches will be transparent when this signal is HIGH; thus, the data must be stable
on the HIGH-to-LOW transition of S_LOAD for proper operation.
S_DATA*
CMOS/TTL Serial Data Input
(Internal Pulldown Resistor)
This pin acts as the data input to the serial configuration shift registers.
S_CLOCK*
CMOS/TTL Serial Clock Input
(Internal Pulldown Resistor)
This pin serves to clock the serial configuration shift registers. Data from S_DATA
is sampled on the rising edge.
P_LOAD**
CMOS/TTL Parallel Latch Input
(Internal Pullup Resistor)
This pin loads the configuration latches with the contents of the parallel inputs
.The latches will be transparent when this signal is LOW; therefore, the parallel
data must be stable on the LOW-to-HIGH transition of P_LOAD for proper opera-
tion.
M[6:0]**
CMOS/TTL PLL Loop Divider
Inputs (Internal Pullup Resistor)
These pins are used to configure the PLL loop divider. They are sampled on the
LOW-to-HIGH transition of P_LOAD. M[8] is the MSB, M[0] is the LSB.
N[1:0]**
CMOS/TTL Output Divider Inputs
(Internal Pullup Resistor)
These pins are used to configure the output divider modulus. They are sampled
on the LOW-to-HIGH transition of P_LOAD.
OE**
CMOS/TTL Output Enable Input
(Internal Pullup Resistor)
Active HIGH Output Enable. The Enable is synchronous to eliminate possibility of
runt pulse generation on the FOUT output.
FREF_EXT*
CMOS/TTL Input
(Internal Pulldown Resistor)
This pin can be used as the PLL Reference
XTAL_SEL**
CMOS/TTL Input
(Internal Pullup Resistor)
This pin selects between the crystal and the FREF_EXT source for the PLL refer-
ence signal. A HIGH selects the crystal input.
PWR_DOWN
CMOS/TTL Input
(Internal Pulldown Resistor)
PWR_DOWN forces the FOUT outputs to synchronously reduce frequency by a
factor of 16.
OUTPUTS
FOUT, FOUT
PECL Differential Outputs
These differential, positive-referenced ECL signals (PECL) are the outputs of the
synthesizer.
TEST
CMOS/TTL Output
The function of this output is determined by the serial configuration bits T[2:0].
POWER
VCC
Positive Supply for the Logic
The positive supply for the internal logic and output buffer of the chip, and is con-
nected to +3.3 V or +5.0 V.
PLL_VCC
Positive Supply for the PLL
This is the positive supply for the PLL and is connected to +3.3 V or +5.0 V.
GND
Negative Power Supply
These pins are the negative supply for the chip and are normally all connected to
ground.
*
When left Open, these inputs will default LOW.
** When left Open, these inputs will default HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com