Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9515DP
Description  I2C-bus repeater
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9515DP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9515DP Datasheet HTML 1Page - NXP Semiconductors PCA9515DP Datasheet HTML 2Page - NXP Semiconductors PCA9515DP Datasheet HTML 3Page - NXP Semiconductors PCA9515DP Datasheet HTML 4Page - NXP Semiconductors PCA9515DP Datasheet HTML 5Page - NXP Semiconductors PCA9515DP Datasheet HTML 6Page - NXP Semiconductors PCA9515DP Datasheet HTML 7Page - NXP Semiconductors PCA9515DP Datasheet HTML 8Page - NXP Semiconductors PCA9515DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data sheet
PCA9515
I2C-bus repeater
2004 Jun 24
4
APPLICATION INFORMATION
A typical application is shown in Figure 3. In this example, the
system master is running on a 3.3 V I2C-bus while the slave is
connected to a 5 V bus. Both buses run at 100 kHz unless the slave
bus is isolated and then the master bus can run at 400 kHz. Master
devices can be placed on either bus.
SW00867
BUS0
BUS
MASTER
400 kHz
SLAVE
100 kHz
PCA9515
SDA
SDA0
SDA
SCL
SCL0
SCL
EN
BUS1
3.3 V
5 V
SDA1
SCL1
Figure 3. Typical application
The PCA9515 is 5 V tolerant so it does not require any additional
circuitry to translate between the different bus voltages.
When one side of the PCA9515 is pulled LOW by a device on the
I2C-bus, a CMOS hysteresis type input detects the falling edge and
causes an internal driver on the other side to turn on, thus causing
the other side to also go LOW. The side driven LOW by the
PCA9515 will typically be at VOL = 0.5 V.
In order to illustrate what would be seen in a typical application, refer
to Figures 4 and 5. If the bus master in Figure 3 were to write to the
slave through the PCA9515, we would see the waveform shown in
Figure 4 on Bus 0. This looks like a normal I2C transmission until the
falling edge of the 8th clock pulse. At that point, the master releases
the data line (SDA) while the slave pulls it LOW through the
PCA9515. Because the VOL of the PCA9515 is typically around
0.5 V, a step in the SDA will be seen. After the master has
transmitted the 9th clock pulse, the slave releases the data line.
9th CLOCK PULSE
VOL OF MASTER
VOL OF PCA9515
2 V/DIV
SW00866
Figure 4. Bus 0 waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com