Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ494CD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PJ494CD
Description  Switchmode Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PJ494CD Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
3-11
2002/11.rev.A
DEAD-TIME CONTROL SECTIONDead-time control-section (See Figure 11)
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Input bias current (pin 4)
VI=0 to 5.25V
--
-2.0
-10
µA
Maximum duty cycle, each output
VI(pin 4)=0,CT=0.1µF,RT=12KΩ
--
45
50
%
Zero duty cycle
--
3.0
3.3
Input threshold voltage(pin 4)
Maximum duty cycle
0
--
--
V
PWM COMPARATOR SECTION (See Figure11)
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Input threshold voltage (pin 3)
Zero duty cycle
--
4.0
4.5
V
Input sink current (pin 3)
V(pin 3)=0.7V
0.3
0.7
--
mA
TOTAL DEVICE
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Vcc=15V
--
6.0
10
Standby supply current
Pin 6 at Vref, all other inputs and
outputs open
Vcc=40V
--
9.0
15
Average supply current
VI(PIN4)=2V, See Figure 1
--
7.5
--
mA
SWITCHING CHARACTERISTICS, TA=25℃
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Output voltage rise time
--
100
200
Output voltage fall time
Common-emitter configuration,
See Figure 3
--
25
100
Output voltage rise time
--
100
200
Output voltage fall time
Emitter-follower configuration,
See Figure 4
--
40
100
ns
UNDERVOLTAGE LOCKOUT SECTION
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Turn-on Threshold
Vcc increasing Iref =1.0mA
5.5
6.43
7.0
V
All typical value except for temperature coefficient are at TA=25℃
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values except for parameter changes with temperature are at TA=25℃
Duration of the short-circuit should not exceed one second
Standard deviation is a measure of the statistical distribution about the mean as derived from the formula
2
1
1
2
1
)
(
−
−
=
∑
=
N
n
n
N
x
x
σ
Temperature coefficient of timing capacitor and timing resistor not taken into account



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com