Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ494CD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ494CD
Description  Switchmode Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ494CD Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
2-11
2002/11.rev.A
Parameter
Symbol
Min
Max
Unit
Supply voltage
Vcc
7
40
Amplifier input voltage
Vi
-0.3
Vcc-2
Collector output voltage
Vo
40
V
Collector output current(each transistor)
200
Current into feedback terminal
0.3
mA
Timing capacitor
CT
0.47
10000
nF
Timing resistor
RT
1.8
500
K
Ω
Oscillator frequency
1
300
KHz
Operating free-air temperature
TA
0
70
℃
Vcc=15V, f=10KHz (unless otherwise noted).
REFERENCE SECTION
Value
Parameter
Test Conditions*
Min
Typ
Max
Unit
Output voltage(Vref)
Io=1mA
4.75
5
5.25
V
Line regulation
Vcc=7V to 40V
--
2.0
25
Load regulation
Io=1mA to 10mA
--
3.0
15
mV
Output voltage change with temperature
∆TA=MIN to MAX
--
0.2
1
%
Short-circuit output current***
Vref=0
15
35
75
mA
OSCILLATOR SECTION
Value
Parameter
Test Conditions*
Min
Typ
Max
Unit
Frequency
CT=0.001µF,RT=30KΩ
--
40
--
KHz
Standard deviation of frequency****
CT=0.001µF,RT=30KΩ
--
3.0
--
Frequency change with voltage
Vcc=7V to 40V, TA=25℃
--
0.1
--
Frequency change with temperature***
CT=0.001µF,RT=30KΩ
∆TA=MIN to MAX
--
--
12
%
ERROR AMPLIFIER SECTION
Value
Parameter
Test Conditions*
Min
Typ**
Max
Unit
Input offset voltage
Vo=(pin 3)=2.5V
--
2.0
10
mA
Input offset current
Vo=(pin 3)=2.5V
--
5.0
250
nA
Input bias current
Vo=(pin 3)=2.5V
--
-0.1
-1.0
µA
Common-mode input voltage range
Vcc=7V to 40V
-0.3 toVcc-2
V
Open-loop voltage amplification
∆Vo=3V,RL=2KΩ,Vo=0.5 to 3.5V
70
95
--
dB
Unity-gain bandwidth
RL=2KΩ,Vo=0.5 to 3.5V
--
800
--
KHz
Common-mode rejection ratio
∆Vo=40V, TA=25℃
65
90
--
dB
Power Supplu Rejection Ratio
∆Vcc=33V,Vo=2.5V,RL=2KΩ
--
100
--
dB
Output sink current (pin 3)
VID=-15mV to -5V,V(PIN3)=0.7V
0.3
0.7
--
mA
Output source current (pin 3)
VID=15mV to 5V,V(PIN3)=3.5V
2.0
-4.0
--
mA
OUTPUT SECTION
Value
Parameter
Test Conditions
Min
Typ
Max
Unit
Collector off-state current
VCE=40V,VCC=40V
--
2.0
100
Emitter off-state current
Vcc=Vc=40V, VE=0
--
--
-100
µA
Common-emitter
VE=0, Ic=200mA
--
1.1
1.3
Collector-emitter saturation
voltage
Emitter-follower
Vc=15V, IE=-200mA
--
1.5
2.5
V
Output control input current
VI=Vref
--
--
3.5
mA
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com