Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5654 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5654
Description  Very High-Speed, Low-Cost, Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5654 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5654 Datasheet HTML 1Page - National Semiconductor (TI) CLC5654 Datasheet HTML 2Page - National Semiconductor (TI) CLC5654 Datasheet HTML 3Page - National Semiconductor (TI) CLC5654 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
http://www.national.com
CLC5654 Typical Performance (A
v = +2, Rf = 866Ω,RL = 100Ω,Vs = ±5V, unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-45
0
-90
-225
-135
-180
Gain
Phase
Vo = 0.25Vpp
Av = +1
Rf = 2.21kΩ
Av = +2
Rf = 866Ω
Av = +5
Rf = 402Ω
Av = +10
Rf = 200Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-225
-180
-135
-90
-45
0
45
-270
-405
-315
-360
Gain
Phase
Vo = 0.25Vpp
Av = -5
Rf = 402Ω
Av = -2
Rf = 523Ω
Av = -1
Rf = 604Ω
Av = -10
Rf = 332Ω
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 5Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
1000M
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 4Vpp
Vo = 0.1Vpp
Vo = 1Vpp
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
2nd & 3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
01
2
-110
-100
-90
-80
-70
-60
3rd = 1MHz
2nd = 1MHz
2nd = 10MHz
3rd = 10MHz
2nd & 3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
01
2
-110
-100
-90
-80
-70
3rd = 1MHz
2nd = 1MHz
2nd = 5MHz
3rd = 5MHz
2nd & 3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
01
2
-100
-90
-80
-70
-60
-50
3rd = 1MHz
2nd = 1MHz
2nd = 10MHz
3rd = 10MHz
Large & Small Signal Pulse Response
Time (10ns/div)
Small Signal
Large Signal
All Hostile Crosstalk
Frequency (Hz)
1M
10M
-90
-80
-70
-60
-50
-40
-30
-20
100M
1000M
Most Susceptible Channel Pulse Coupling
Time (50ns/div)
Active Channel
Inactive Channel
Channel to Channel Gain Matching
Frequency (Hz)
1M
10M
-45
0
-90
-225
-135
-180
Channel 1
100M
Channel 3
Channel 4
Channel 2
Equivalent Input Noise
Frequency (Hz)
1k
100k
10
100
1
10
100
1
Inverting Current = 12pA/
√Hz
Voltage = 3.3nV/
√Hz
Non-Inverting
Current = 2.5pA/
√Hz
100M
100
10k
1M
10M
Open-Loop Transimpedance Gain, Z(s)
Frequency (Hz)
10k
1M
0
20
40
60
80
100
120
140
160
180
200
30
40
50
60
70
80
90
100
110
120
130
Gain
100M
1k
100k
10M
Phase
Gain Flatness & Linear Phase
Frequency (MHz)
10
0.4
-0.1
0
0.1
0.2
0.3
0.20
-0.30
-0.20
-0.10
0
0.10
Phase
50
020
30
40
Gain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com