Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5654 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5654
Description  Very High-Speed, Low-Cost, Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5654 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5654 Datasheet HTML 1Page - National Semiconductor (TI) CLC5654 Datasheet HTML 2Page - National Semiconductor (TI) CLC5654 Datasheet HTML 3Page - National Semiconductor (TI) CLC5654 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
s
450MHz small signal bandwidth
s
2000 V/
µs slew rate
s
5mA / channel supply current
s
-71/-82dBc HD2/HD3 (5MHz)
s
0.03%, 0.03° differential gain, phase
s
70mA output current
s
12ns settling to 0.1%
Applications
s
High performance RGB video
s
Video switchers & routers
s
Video line driver
s
Active filters
s
IF amplifier
s
Twisted pair driver/receiver
Pinout
DIP & SOIC
General Description
The CLC5654 is a quad, current feedback operational amplifier
that is perfect for many cost-sensitive applications that require
high performance. This device also offers excellent economy
in board space and power, consuming only 5mA per amplifier
while providing 70mA of output current capability. Applications
requiring significant density of high speed devices such as video
routers, matrix switches and high-order active filters will benefit
from the configuration of the CLC5654 and the low channel-to-
channel crosstalk of 70dB at 5MHz.
The CLC5654 provides excellent performance for video
applications.
Differential gain and phase of 0.03% and 0.03°
makes this device well suited for many professional composite
video systems, but consumer applications will also be able to take
advantage of these features due to the device’s low cost. The
CLC5654 offers superior dynamic performance with a small
signal bandwidth of 450MHz and slew rate of 2000V/
µs. These
attributes are well suited for many component video applications
such as driving RGB signals down significant lengths of cable.
These and many other application can also take advantage of the
0.1dB flatness to 40MHz.
Combining wide bandwidth with low cost makes the the CLC5654
an attractive option for active filters. SAW filters are often used
in IF filters in the 10’s of MHz range, but higher order filters
designed around a quad operational amplifier may offer an
economical alternative to the typical SAW approach and offer
greater freedom in the selection of filter parameters. National
Semiconductor’s Comlinear Products Group has published
a wide array of liturature on active filters and a list of these
publications can be found on the last page of this datasheet.
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
Vo = 0.25Vpp
Av = +1
Rf = 2.21kΩ
Av = +2
Rf = 866Ω
Av = +5
Rf = 402Ω
Av = +10
Rf = 200Ω
CLC5654
Very High-Speed, Low-Cost, Quad Operational Amplifier
N
June 1999
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
+
-
1/4
CLC5654
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
+
+
Rg
Rt
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rb
+
+
Rt
Note: Rb provides DC bias
for the non-inverting input.
Select Rt to yield desired
Rin = Rt || Rg.
V
V
A
R
R
o
in
v
f
g
== −
V
V
A1
R
R
o
in
v
f
g
== +
1/4
CLC5654
Typical Configurations
Non-Inverting Gain
Inverting Gain


Similar Part No. - CLC5654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IM NSC-CLC5602IM Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IMX NSC-CLC5602IMX Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IN NSC-CLC5602IN Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
More results

Similar Description - CLC5654

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Analog Devices
AD518 AD-AD518 Datasheet
127Kb / 2P
LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
AD518 AD-AD518_15 Datasheet
1Mb / 4P
LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
Linear Technology
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
Very High Speed Operational Amplifier
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com