Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SED1565DBB Datasheet(PDF) 27 Page - Epson Company

Part # SED1565DBB
Description  Direct display of RAM data through the display data RAM
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1565DBB Datasheet(HTML) 27 Page - Epson Company

Back Button SED1565DBB Datasheet HTML 23Page - Epson Company SED1565DBB Datasheet HTML 24Page - Epson Company SED1565DBB Datasheet HTML 25Page - Epson Company SED1565DBB Datasheet HTML 26Page - Epson Company SED1565DBB Datasheet HTML 27Page - Epson Company SED1565DBB Datasheet HTML 28Page - Epson Company SED1565DBB Datasheet HTML 29Page - Epson Company SED1565DBB Datasheet HTML 30Page - Epson Company SED1565DBB Datasheet HTML 31Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
SED1565 Series
EPSON
8–25
The Serial Interface
When the serial interface has been selected (P/S = “L”)
then when the chip is in active state (CS1 = “L” and CS2
= “H”) the serial data input (SI) and the serial clock
input (SCL) can be received. The serial data is read
from the serial data input pin in the rising edge of the
serial clocks D7, D6 through D0, in this order. This data
is converted to 8 bits parallel data in the rising edge of
the eighth serial clock for the processing.
The A0 input is used to determine whether or the serial
data input is display data or command data; when A0 =
“H”, the data is display data, and when A0 = “L” then the
data is command data. The A0 input is read and used for
detection every 8th rising edge of the serial clock after
the chip becomes active.
Figure 1 is a serial interface signal chart.
Figure 1
* When the chip is not active, the shift registers and the counter are reset to their initial states.
* Reading is not possible while in serial interface mode.
* Caution is required on the SCL signal when it comes to line-end reflections and external noise. We recommend that
operation be rechecked on the actual equipment.
The Chip Select
The SED1565 Series chips have two chip select
terminals: CS1 and CS2. The MPU interface or the
serial interface is enabled only when CS1 = “L” and CS2
= “H”.
When the chip select is inactive, D0 to D7 enter a high
impedance state, and the A0, RD, and WR inputs are
inactive. When the serial interface is selected, the shift
register and the counter are reset.
Accessing the Display Data RAM and the
Internal Registers
Data transfer at a higher speed is ensured since the MPU
is required to satisfy the cycle time (
tCYC) requirement
alone in accessing the SED1565 Series. Wait time may
not be considered.
And, in the SED1565 Series chips, each time data is sent
from the MPU, a type of pipeline process between LSIs
is performed through the bus holder attached to the
internal data bus.
For example, when the MPU writes data to the display
data RAM, once the data is stored in the bus holder, then
it is written to the display data RAM before the next data
write cycle. Moreover, when the MPU reads the display
data RAM, the first data read cycle (dummy) stores the
read data in the bus holder, and then the data is read from
the bus holder to the system bus at the next data read
cycle.
There is a certain restriction in the read sequence of the
display data RAM. Please be advised that data of the
specified address is not generated by the read instruction
issued immediately after the address setup. This data is
generated in data read of the second time. Thus, a
dummy read is required whenever the address setup or
write cycle operation is conducted.
This relationship is shown in Figure 2.
CS1
CS2
SI
SCL
A0
D7
12
3
4
5
6
7
8
9
10
11
12
13
14
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com