Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX-SIGFOX-API Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX-SIGFOX-API
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-API Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX-SIGFOX-API Datasheet HTML 2Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 3Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 4Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 5Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 6Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 7Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 8Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 9Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AX−SIGFOX
www.onsemi.com
6
DC Characteristics
Table 4. SUPPLIES
Conditions for all current and charge values unless otherwise specified are for the hardware configuration described in the AX−Sigfox
Application Note: Sigfox Compliant Reference Design.
Symbol
Description
Condition
Min
Typ
Max
Units
TAMB
Operational ambient temperature
−40
27
85
°C
VDDIO
I/O and voltage regulator supply
voltage
1.8
3.0
3.6
V
VDDIO_R1
I/O voltage ramp for reset activation;
Note 1
Ramp starts at VDD_IO ≤ 0.1 V
0.1
V/ms
VDDIO_R2
I/O voltage ramp for reset activation;
Note 1
Ramp starts at 0.1 V < VDD_IO < 0.7 V
3.3
V/ms
IDS
Deep sleep mode current
AT$P=2
100
nA
ISLP
Sleep mode current
AT$P=1
1.3
mA
ISTDBY
Standby mode current
Note 3
0.5
mA
IRX_CONT
Current consumption continuous RX
AT$SR=1,1,−1
10
mA
QSFX_OOB_0
Charge to send a Sigfox out of band
message, 0 dBm
AT$S0
0.12
C
QSFX_BIT_0
Charge to send a bit, 0 dBm
AT$SB=0
0.08
C
QSFX_BITDL_0
Charge to send a bit with downlink
receive, 0 dBm
AT$SB=0,1
0.27
C
QSFX_LFR_0
Charge to send the longest possible
Sigfox frame (12 byte) , 0dBm
AT$SF=00112233445566778899aabb
0.14
C
QSFX_LFRDL_0
Charge to send the longest possible
Sigfox frame (12 byte) with downlink
receive, 0 dBm
AT$SF=00112233445566778899aabb,1
0.27
C
QSFX_OOB_14
Charge to send a Sigfox out of band
message, 14 dBm
AT$S0
0.28
C
QSFX_BIT_14
Charge to send a bit, 14 dBm
AT$SB=0
0.20
C
QSFX_BITDL_14
Charge to send a bit with downlink
receive, 14 dBm
AT$SB=0,1
0.35
C
QSFX_LFR_14
Charge to send the longest possible
Sigfox frame (12 byte) , 14 dBm
AT$SF=00112233445566778899aabb
0.39
C
QSFX_LFRDL_14
Charge to send the longest possible
Sigfox frame (12 byte) with downlink
receive, 14 dBm
AT$SF=00112233445566778899aabb,1
0.46
C
ITXMOD0AVG
Modulated Transmitter Current,
Note 2
Pout=0 dBm; average
19.0
mA
ITXMOD14AVG
Modulated Transmitter Current,
Note 2
Pout=14 dBm; average
49.0
mA
1. If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset
2. The output power of the AX−Sigfox can be programmed in 1 dB steps from 0 dBm – 14 dBm. Current consumption values are given for a
matching network that is optimized for 14 dBm output. 0 dBm transmission with typically 10 mA can be achieved with other networks that
are optimized for 0 dBm operation.
3. Internal 20 MHz iscillator, voltage conditioning and supervisory circuit running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com