Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX-SIGFOX-API Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX-SIGFOX-API
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-API Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX-SIGFOX-API Datasheet HTML 3Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 4Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 5Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 6Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 7Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 8Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 9Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 10Page - ON Semiconductor AX-SIGFOX-API Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AX−SIGFOX
www.onsemi.com
7
Typical Current Waveform
Figure 3. Typical Current Waveform for a Maximum Length Frame with Downlink Receive at 14 dBm Output Power
Typical Current Waveform − Maximum Length Frame with Downlink Receive, Pout = 14 dBm
Time [s]
20
10
30
40
0
10
0
20
30
40
50
60
Battery Life Examples
Scenario 1:
CR2032 coin cell battery
One OOB frame transmitter per day at Pout=0 dBm
Device in Sleep
Neglecting battery self discharge
CR2032 capacity
225 mAh * 3600 s/h
810 C
Sleep charge per day
1.3 mA * 86400 s
0.11 C/day
OOB frame transmission
0.12 C/day
Total Charge consumption
0.23 C/day
Battery life
9.6 Years
Scenario 2:
2 AAA Alkaline batteries in series
One OOB frame transmitter per day at Pout=14 dBm
Four maximum length frames with downlink receive
per day at Pout=14 dBm
Device in Sleep
Neglecting battery self discharge
2 AAA alkaline capacity
1500 mAh * 3600 s/h
5400 C
Sleep charge per day
1.3 mA * 86400 s
0.11 C/day
OOB frame transmission
0.28 C/day
Frame transmission with downlink
4 * 0.46 C/day
1.84 C/day
Total Charge consumption
2.26 C/day
Battery life
6.5 Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com