Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR36060PQC Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # ZR36060PQC
Description  Integrated JPEG CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36060PQC Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ZR36060PQC Datasheet HTML 25Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 26Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 27Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 28Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 29Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 30Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 31Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 32Page - List of Unclassifed Manufacturers ZR36060PQC Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
27
Integrated JPEG CODEC
7.0 POWER MANAGEMENT AND POWER-UP
The ZR36060 has two power consumption modes: the normal
mode, and a low-power mode, called the SLEEP state, achieved
by activating the SLEEP pin. This power saving is achieved by
disabling the internal clocking to all flip-flops and gates, so this
mode can be seen as a frozen state of the ZR36060. All outputs
retain their states, and bidirectional signals remain in their last
direction status
Transitions to or from the SLEEP state must be done via the
IDLE state. No host accesses are allowed in the SLEEP state,
and during the IDLE - SLEEP transition. Otherwise the ZR36060
must be reset again.
After the SLEEP pin is de-activated, the ZR36060 is operational
again, without the need for a reset, retaining all registers,
markers and parameters previously loaded. Before START can
be activated again for the next compression or decompression,
the host must write the Load bit.
Deactivation of SLEEP also serves to initiate the coarse frequen-
cy lock procedure of the internal PLL. It is mandatory to pulse
SLEEP after power-up, when the system clock (VCLKx2) is
setup and stable (within 10% of its nominal frequency). The
coarse lock must be initiated (using the SLEEP pin) each time
the system changes the frequency of VCLKx2 frequency, for
example if the video standard is changed. See Figure 39.
The coarse PLL frequency lock procedure takes 5000 VCLKx2
cycles, and is executed every low-to-high transition of SLEEP.
The ZR36060 remains in the SLEEP state during this time
interval.
Figure 39. Power-Up Sequence and SLEEP Operation
RESET
SLEEP
_state
VCC
Power On
RESET
WAIT VCLKx2
INITIALIZED
& STABLE
(board config)
SLEEP
LOCK
IDLE
(operational)
(SLEEP must
be inactive)
(8 VCLKx2
min)
RESET Period: Minimum pulse of 8 VCLKx2 cycles.
WAIT Period: Depend of system properly initialize the VCLKx2 to correct
operating frequency.
SLEEP Pulse: Minimum pulse of 8 VCLKx2 cycles.
LOCK Period After SLEEP deasserted, system must wait 5,000 VCLKx2 cycles
until the ZR36060 is correctly locked to the clock frequency.
IDLE: The ZR36060 is ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com