Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBT2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IBT2
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IBT2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IBT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
32
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Bonding and Grounding Hardware
Grounding Clamps
Span Clamp
Part Number
Description
Inner
Pack
Outer
Pack
SC03E-2G
For Two Steel Messenger Wires .051"
to .072" Diameter Used on 1/4" (6.6m)
Steel Strand
--
75
• Span clamp for steel messengered drop cable bonding applications.
• Unique locking design prevents rotation on steel strand.
• Mechanically galvanized ASTM B695.
"I" Beam Grounding Clamp
Part Number
Description
Inner
Pack
Outer
Pack
SC07GG
I Beam Grounding Clamp for #14 to
#10AWG Copper Ground Wire
--
125
• Grounding clamp used to bond a solid copper ground wire to steel structure.
• Mechanically galvanized ASTM B695.
"B" Ground Wire Clamp
Part Number
Description
Ground Wire
Range
Inner
Pack
Outer
Pack
23-80002
"B" Ground Wire Clamp
#12 (.081") to
#6 (.162") AWG
500
5,000
• Used to secure #6 AWG to #12 AWG ground wire runs.
• Mechanically galvanized ASTM B695.
• 7/32” hole diameter.
• 3/8” wide x 9/16” long.
Ground Connector
Part Number
Description
Inner
Pack
Outer
Pack
SC42-1
Connects #4 or #6AWG to #10, #12 or
#14AWG Copper Ground Wire
150
1,800
• Ground connector used to connect various size copper ground conductors
with a firm mechanical contact.
• Made of pure copper with brass fastener.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com