Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP688CL Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 20Page - National Semiconductor (TI) COP688CL Datasheet HTML 21Page - National Semiconductor (TI) COP688CL Datasheet HTML 22Page - National Semiconductor (TI) COP688CL Datasheet HTML 23Page - National Semiconductor (TI) COP688CL Datasheet HTML 24Page - National Semiconductor (TI) COP688CL Datasheet HTML 25Page - National Semiconductor (TI) COP688CL Datasheet HTML 26Page - National Semiconductor (TI) COP688CL Datasheet HTML 27Page - National Semiconductor (TI) COP688CL Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
WATCHDOG Operation (Continued)
TABLE III WATCHDOG Service Actions
Key
Window
Clock
Action
Data
Data
Monitor
Match
Match
Match
Valid Service Restart Service Window
Don’t Care
Mismatch
Don’t Care
Error Generate WATCHDOG Output
Mismatch
Don’t Care
Don’t Care
Error Generate WATCHDOG Output
Don’t Care
Don’t Care
Mismatch
Error Generate WATCHDOG Output
TABLE IV MICROWIREPLUS
Master Mode Clock Select
SL1
SL0
SK
00
2 c tc
01
4 c tc
1x
8 c tc
Where tc is the instruction cycle clock
The Clock Monitor forces the G1 pin low upon detecting a
clock frequency error The Clock Monitor error will continue
until the clock frequency has reached the minimum speci-
fied value after which the G1 output will enter the high im-
pedance TRI-STATE mode following 16 tc–32 tc clock cy-
cles The Clock Monitor generates a continual Clock Moni-
tor error if the oscillator fails to start or fails to reach the
minimum specified frequency The specification for the
Clock Monitor is as follows
1tc l 10 kHzNo clock rejection
1tc k 10 HzGuaranteed clock rejection
WATCHDOG AND CLOCK MONITOR SUMMARY
The following salient points regarding the WATCHDOG and
Clock Monitor should be noted
 Both WATCHDOG and Clock Monitor detector circuits
are inhibited during reset
 Following reset the WATCHDOG and Clock Monitor are
both enabled with the WATCHDOG having the maxi-
mum service window selected
 The WATCHDOG service window and Clock Monitor en-
abledisable option can only be changed once during
the initial WATCHDOG service following reset
 The initial WATCHDOG service must match the key data
value in the WATCHDOG Service register WDSVR in or-
der to avoid a WATCHDOG error
 Subsequent WATCHDOG services must match all three
data fields in WDSVR in order to avoid WATCHDOG er-
rors
 The correct key data value cannot be read from the
WATCHDOG Service register WDSVR Any attempt to
read this key data value of 01100 from WDSVR will read
as key data value of all 0’s
 The WATCHDOG detector circuit is inhibited during both
the HALT and IDLE modes
 The Clock Monitor detector circuit is active during both
the HALT and IDLE modes Consequently the device
inadvertently entering the HALT mode will be detected
as a Clock Monitor error (provided that the Clock Monitor
enable option has been selected by the program)
 With the single-pin RC oscillator mask option selected
and the CLKDLY bit reset the WATCHDOG service win-
dow will resume following HALT mode from where it left
off before entering the HALT mode
 With the crystal oscillator mask option selected or with
the single-pin RC oscillator mask option selected and
the CLKDLY bit set the WATCHDOG service window will
be set to its selected value from WDSVR following HALT
Consequently the WATCHDOG should not be serviced
for at least 2048 instruction cycles following HALT but
must be serviced within the selected window to avoid a
WATCHDOG error
 The IDLE timer T0 is not initialized with reset
 The user can sync in to the IDLE counter cycle with an
IDLE counter (T0) interrupt or by monitoring the T0PND
flag The T0PND flag is set whenever the thirteenth bit of
the IDLE counter toggles (every 4096 instruction cycles)
The user is responsible for resetting the T0PND flag
 A hardware WATCHDOG service occurs just as the de-
vice exits the IDLE mode Consequently the Watchdog
should not be serviced for at least 2048 instruction cy-
cles following IDLE but must be serviced within the se-
lected window to avoid a WATCHDOG error
 Following reset the initial WATCHDOG service (where
the service window and the Clock Monitor enabledis-
able must be selected) may be programmed anywhere
within the maximum service window (65536 instruction
cycles) initialized by RESET
Note that this initial
WATCHDOG service may be programmed within the ini-
tial 2048 instruction cycles without causing a WATCH-
DOG error
Detection of Illegal Conditions
The device can detect various illegal conditions resulting
from coding errors transient noise power supply voltage
drops runaway programs etc
Reading of undefined ROM gets zeros The opcode for soft-
ware interrupt is zero If the program fetches instructions
from undefined ROM this will force a software interrupt
thus signaling that an illegal condition has occurred
http
www nationalcom
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com