Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS08 Datasheet(PDF) 4 Page - International Rectifier

Part # 25TTS08
Description  PHASE CONTROL SCR TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08 Datasheet(HTML) 4 Page - International Rectifier

  25TTS08 Datasheet HTML 1Page - International Rectifier 25TTS08 Datasheet HTML 2Page - International Rectifier 25TTS08 Datasheet HTML 3Page - International Rectifier 25TTS08 Datasheet HTML 4Page - International Rectifier 25TTS08 Datasheet HTML 5Page - International Rectifier 25TTS08 Datasheet HTML 6Page - International Rectifier 25TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
25TTS..FP
SAFEIR Series
Bulletin I2135 rev. D 03/99
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
0
5
10
15
20
25
0
4
8
12
16
20
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
25TTS.. Series
T = 125°C
J
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
25TTS.. Series
T = 125°C
J
150
200
250
300
350
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
25TTS.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
100
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
25TTS.. Series
70
80
90
100
110
120
130
0
5
10
15
20
30°
60°
90°
120°
180°
Conduction Angle
Average On-state Current (A)
25TTS.. Series
R
(DC) = 1.5 °C/W
thJC
70
80
90
100
110
120
130
0
5
10
15
20
25
30
DC
30°
60°
90°
120°
180°
Conduction Period
Average On-state Current (A)
25TTS.. Series
R
(DC) = 1.5 °C/W
thJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com