Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS08 Datasheet(PDF) 1 Page - International Rectifier

Part # 25TTS08
Description  PHASE CONTROL SCR TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08 Datasheet(HTML) 1 Page - International Rectifier

  25TTS08 Datasheet HTML 1Page - International Rectifier 25TTS08 Datasheet HTML 2Page - International Rectifier 25TTS08 Datasheet HTML 3Page - International Rectifier 25TTS08 Datasheet HTML 4Page - International Rectifier 25TTS08 Datasheet HTML 5Page - International Rectifier 25TTS08 Datasheet HTML 6Page - International Rectifier 25TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PHASE CONTROL SCR
TO-220 FULLPAK
Bulletin I2135 rev. D 03/99
SAFEIR Series
25TTS..FP
V
T
< 1.25V @ 16A
I
TSM
= 300A
V
RRM 800 to 1600V
www.irf.com
Description/Features
The 25TTS..FP
SAFEIR series of silicon
controlled rectifiers are specifically designed for
medium power switching and phase control
applications. The glass passivation technology
used has reliable operation up to 125° C junction
temperature.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identical
package outlines.
Fully isolated package (V
INS = 2500 VRMS)
UL E78996 approved
Major Ratings and Characteristics
TO-220 FULLPAK
Capacitive input filterTA = 55°C,TJ=125°C,
18
22
A
commonheatsinkof1°C/W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge
Units
I
T(AV)
Sinusoidal
16
A
waveform
I
RMS
25
A
V
RRM/
V
DRM
upto1600
V
I
TSM
300
A
V
T
@ 16 A, T
J
= 25°C
1.25
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
25TTS..FP Units
Package Outline


Similar Part No. - 25TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTS08 VISHAY-25TTS08 Datasheet
148Kb / 7P
Phase Control SCR, 25 A
19-Jun-08
logo
Inchange Semiconductor ...
25TTS08 ISC-25TTS08 Datasheet
186Kb / 1P
isc Thyristors
logo
Vishay Siliconix
25TTS08FP VISHAY-25TTS08FP Datasheet
143Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 25 A
20-Jun-08
logo
Inchange Semiconductor ...
25TTS08FP ISC-25TTS08FP Datasheet
472Kb / 3P
isc Thyristors
logo
Vishay Siliconix
25TTS08PBF VISHAY-25TTS08PBF Datasheet
148Kb / 7P
Phase Control SCR, 25 A
19-Jun-08
More results

Similar Description - 25TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
98Kb / 7P
PHASE CONTROL SCR TO-220 FULLPAK
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com