Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1836AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 8Page - Analog Devices AD1836AS Datasheet HTML 9Page - Analog Devices AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices AD1836AS Datasheet HTML 13Page - Analog Devices AD1836AS Datasheet HTML 14Page - Analog Devices AD1836AS Datasheet HTML 15Page - Analog Devices AD1836AS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–12–
FSTDM
INTERNAL
ADC L0
INTERNAL
ADC L1
AUX_ADC L0
AUX_ADC L1
INTERNAL
ADC R0
INTERNAL
ADC R1
AUX_ADC R0
AUX_ADC R1
INTERNAL
DAC L0
INTERNAL
DAC L1
INTERNAL
DAC L2
AUX_DAC L0
INTERNAL
DAC R0
INTERNAL
DAC R1
INTERNAL
DAC R2
AUX_DAC R0
MSB TDM
1ST
CH
LEFT
RIGHT
I2S – MSB RIGHT
I2S – MSB LEFT
BCLK
TDM
ASDATA1
TDM (OUT)
ASDATA1
DSDATA1
TDM (IN)
DSDATA1
AUX
LRCLK I2S
(FROM AUX ADC#1)
AUX
BCLK I2S
(FROM AUX ADC#1)
AAUXDATA1 (IN)
(FROM AUX ADC#1)
AAUXDATA2 (IN)
(FROM AUX ADC#2)
DAUXDATA (OUT)
(TO AUX DAC)
NOTE:
AUX BCLK FREQUENCY IS 64
FRAME-RATE; TDM BCLK FREQUENCY IS 256
FRAME-RATE.
MSB TDM
8TH
CH
32
32
MSB TDM
1ST
CH
MSB TDM
8TH
CH
I2S – MSB RIGHT
I2S – MSB LEFT
I2S – MSB RIGHT
I2S – MSB LEFT
Figure 8. AUX-Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com