Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1836AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices AD1836AS Datasheet HTML 13Page - Analog Devices AD1836AS Datasheet HTML 14Page - Analog Devices AD1836AS Datasheet HTML 15Page - Analog Devices AD1836AS Datasheet HTML 16Page - Analog Devices AD1836AS Datasheet HTML 17Page - Analog Devices AD1836AS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–17–
ADC Control Register 3
Function
Left
Left
Right
Right
Clock
Left Diff.
Right Diff.
MUX/PGA
MUX
MUX/PGA
MUX
Address
RD/WR
Reserved
Mode
I/P Select
I/P Select
Enable
I/P Select
Enable
I/P Select
15, 14, 13, 12
11
10, 9, 8
7, 6
5
4
3
2
1
0
1110
0
000
00 = 256
× fS
0 = Differential
0 = Differential
0 = Direct
0 = I/P 0
0 = Direct
0 = I/P 0
01 = 512
× fS
PGA Mode.
PGA Mode.
1 = MUX/
1 = I/P 1
1 = MUX/
1 = I/P 1
10 = 768
× fS
1 = PGA/MUX
1 = PGA/MUX
PGA
PGA
Mode (Single-
Mode (Single-
Ended Input)
Ended Input)
*When changing clock doubler bypass mode, other SPI bits that are written during the same SPI transaction may be lost. It is therefore recommended that a separate
transaction be used for setting CLKDBL Bypass Mode.
ADC Peak Level Data Registers
Peak Level Data (10 Bits)
Address
RD/WR
RSVD
6-Data Bits
4-Fixed Bits
15, 14, 13, 12
11
10
9..4
3..0
1000 = ADC0
1
0
000000 = 0.0 dBFS
0000
1001 = ADC1
000001 = –1.0 dBFS
1010 = ADC2
000010 = –2.0 dBFS
1011 = ADC3
000011 = –3.0 dBFS
The four LSBs are always zero.
.
.
.
111111 = –63 dBFS
AD1836
ADC2L
C1
1nF
C2
1nF
LEFT
INPUT #1
LEFT
INPUT #2
CAP1L
INPUT SELECT
250
PGA
–
+
–
+
VREF
250
VREF
CAP2L
GAIN SELECT
POWER-DOWN
NOTE
ADC2 SINGLE-ENDED MUX PGA INPUT MODE – LEFT CHANNEL ONLY SHOWN
CONTROL REGISTER 3 CONTENTS: 6 LSBS: SELECT INPUT #1: 11 1010
SELECT INPUT #2: 11 1111
Figure 12. Single-Ended MUX/PGA Mode
AD1836
ADC2L
C1
1nF
C2
1nF
LEFT + VE
INPUT
LEFT – VE
INPUT
CAP1L
250
–
+
250
+
VREF
CAP2L
GAIN SELECT
POWER-DOWN
NOTE
ADC2 DIFFERENTIAL PGA INPUT MODE – LEFT CHANNEL ONLY SHOWN
CONTROL REGISTER 3 CONTENTS: 6 LSBS: 00 1010
Figure 13. Differential Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com