Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4200 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL4200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1-327
DC Electrical Specifications
For 0°C
≤T
A ≤70°C, 4.5 V ≤VCC ≤20 V, VE = 0.8 V, all typicals at TA = 25°C and VCC = 5 V unless otherwise
noted. See note 13.
Parameter
Symbol
Min. Typ. Max. Units
Test Conditions
Fig.
Note
Mark State Input
IMI
1 2
mA
2, 3,
Current
4
Mark State Input
VMI
2.52
2.75
Volts
II = 20 mA
VE = Don’t Care
4, 5
Voltage
Space State Input
ISI
3
mA
2, 3,
Current
4
Space State Input
VSI
1.6
2.2
Volts
II = 0.5 to 2.0 mA VE = Don’t
2, 4
Voltage
Care
Input Hysteresis
IHYS
0.3
0.8
mA
2
Current
Logic Low Output
VOL
0.5
Volts
IOL = 6.4 mA
II = 3 mA
6
Voltage
(4 TTL Loads)
Logic High Output
VOH
2.4
Volts
IOH = -2.6 mA, II = 12 mA
7
Voltage
Output Leakage
IOHH
1 0 0
µA
VO = 5.5 V
II = 20 mA
5 0 0
µA
VO = 20 V
Logic High Enable
VEH
2.0
Volts
Voltage
Logic Low Enable
VEL
0.8
Volts
Voltage
Logic High Enable
IEH
2 0
µA
VE = 2.7 V
1 0 0
µA
VE = 5.5 V
0.004
2 5 0
µA
VE = 20 V
Logic Low Enable
IEL
- 0.32
mA
VE = 0.4 V
Current
Logic Low Supply
ICCL
4.5
6.0
mA
VCC = 5.5 V
II = 0 mA
5.25
7.5
mA
VCC = 20 V
Logic High Supply
ICCH
2.7
4.5
mA
VCC = 5.5 V
II = 20 mA
3.1
6.0
mA
VCC = 20 V
High Impedance
IOZL
-20
µA
VO = 0.4 V
VE = 2 V,
IOZH
2 0
µA
VO = 2.4 V
1 0 0
µA
VO = 5.5 V
5 0 0
µA
VO = 20 V
Logic Low Short
IOSL
2 5
mA
VO = VCC = 5.5 V
II = 0 mA
5
4 0
mA
VO = VCC = 20 V
Logic High Short
IOSH
-10
mA
VCC = 5.5 V
II = 20 mA
5
-25
mA
VCC = 20 V
Input Capacitance
CIN
120
pF
f = 1 MHz, VI = 0 V dc,
Pins 1 and 2
Current (VOUT > VCC)
Current
Current
State Output
Current
Current
Circuit Output
Current
Circuit Output
Current
II = 20 mA
VO = GND
VCC = 4.5 V
VE = Don’t Care
VE = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com