Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4200 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4200 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4200 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1-333
Figure 18. Recommended Non-Isolated Active Transmitter with HCPL-4200 Isolated Receiver for Simplex Point-to-Point
20 mA Current Loop.
receiver, can be used at the
isolated end of current loops.
Cross talk and common mode
coupling are greatly reduced
when optical isolation is imple-
mented at the same end of both
loops, as shown. The full duplex
data rate is limited by the non-
isolated active receiver current
loop. Comments mentioned under
simplex configuration apply to
the full duplex case. Consult the
HCPL-4100 transmitter opto-
coupler data sheet for specified
device performance.
Half Duplex
The half duplex configuration,
whether point-to-point or
multidrop, gives non-
simultaneous bidirectional data
flow from transmitters to
receivers shown in Figures 22a
and 22b. This configuration
allows the use of two wires to
carry data back and forth
between local and remote units.
However, protocol must be used
to determine which specific
transmitter can operate at any
given time. Maximum data rate
for a half duplex system is limited
by the loop current charging
time. These considerations were
explained in the Simplex config-
uration section.
Figures 22a and 22b illustrate
half duplex application for the
combination of HCPL-4100/-4200
optocouplers. The unique and
complementary designs of the
HCPL-4100 transmitter and
HCPL-4200 receiver
optocouplers provide many
designed-in benefits. For
example, total optical isolation at
one end of the current loop is
easily accomplished, which
results in substantial removal of
common mode influences,
elimination of ground potential
Figure 19. Minimum Required Supply
Voltage, V CC , vs. Loop Length for
Current Loop Circuit of Figure 19.
Figure 20. Typical Data Rate vs.
Distance.
Figure 21. Full Duplex Point-to-Point Current Loop System
Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com