Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC Datasheet HTML 11Page - NXP Semiconductors 74HC Datasheet HTML 12Page - NXP Semiconductors 74HC Datasheet HTML 13Page - NXP Semiconductors 74HC Datasheet HTML 14Page - NXP Semiconductors 74HC Datasheet HTML 15Page - NXP Semiconductors 74HC Datasheet HTML 16Page - NXP Semiconductors 74HC Datasheet HTML 17Page - NXP Semiconductors 74HC Datasheet HTML 18Page - NXP Semiconductors 74HC Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
March 1988
15
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DATA SHEET SPECIFICATION GUIDE
INTRODUCTION
The 74HCMOS data sheets have been designed for
ease-of-use. A minimum of cross-referencing for more
information is needed.
TYPICAL PROPAGATION DELAY AND FREQUENCY
The typical propagation delays listed at the top of the data
sheets are the average of tPLH and tPHL for the longest data
path through the device with a 15 pF load.
For clocked devices, the maximum frequency of operation
is also given. The typical operating frequency is the
maximum device operating frequency with a 50% duty
factor and no constraints on tr and tf.
LOGIC SYMBOLS
Two logic symbols are given for each device - the
conventional one (Logic Symbol) which explicitly shows
the internal logic (except for complex logic) and the IEC
Logic Symbol as developed by the IEC (International
Electrotechnical Commission).
The IEC has been developing a very powerful symbolic
language that can show the relationship of each input of a
digital logic current to each output without explicitly
showing the internal logic.
Internationally, Working Group 2 of IEC Technical
Committee TC-3 has prepared a new document
(Publication 617-12) which supersedes
Publication 117-15, published in 1972.
RATINGS
The “RATINGS” table (Limiting values in accordance with
the Absolute Maximum System - IEC134) lists the
maximum limits to which the device can be subjected
without damage. This doesn’t imply that the device will
function at these extreme conditions, only that, when these
conditions are removed and the device operated within the
Recommended Operating Conditions, it will still be
functional and its useful life won’t have been shortened.
The maximum rated supply voltage of 7 V is well below the
typical breakdown voltage of 18 V.
RECOMMENDED OPERATING CONDITIONS
The “RECOMMENDED OPERATING CONDITIONS”
table lists the operating ambient temperature and the
conditions under which the limits in the “DC
CHARACTERISTICS” and “AC CHARACTERISTICS”
tables will be met. The table should not be seen as a set of
limits guaranteed by the manufacturer, but as the
conditions used to test the devices and guarantee that
they will then meet the limits in the DC and AC
CHARACTERISTICS tables.
DC CHARACTERISTICS
The “DC CHARACTERISTICS” table reflects the DC limits
used during testing. The values published are guaranteed.
The threshold values of VIH and VIL can be tested by the
user. If VIH and VIL are applied to the inputs, the output
voltages will be those published in the “DC
CHARACTERISTICS” table. There is a tendency, by
some, to use the published VIH and VIL thresholds to test a
device for functionality in a “function-table exercizer”
mode. This frequently causes problems because of the
noise present at the test head of automated test
equipment with cables up to 1 metre. Parametric tests,
such as those used for the output levels under the VIH and
VIL conditions are done fairly slowly, in the order of
milliseconds, so that there is no noise at the inputs when
the outputs are measured. But in functionality testing, the
outputs are measured much faster, so there can be noise
on the inputs, before the device has assumed its final and
correct output state. Thus, never use VIH and VIL to test the
functionality of any HCMOS device type; instead, use input
voltages of VCC (for the HIGH state) and 0 V (for the LOW
state). In no way does this imply that the devices are
noise-sensitive in the final system.
In the data sheets, it may appear strange that the typical
VIL is higher than the maximum VIL. However, this is
because VILmax is the maximum VIL (guaranteed) for all
devices that will be recognized as a logic LOW. However,
typically a higher VIL will also be recognized as a logic
LOW. Conversely, the typical VIH is lower than its minimum
guaranteed level.
For 74HCMOS, unlike TTL, no output HIGH short-circuit
current is specified. The use of this current, for example, to
calculate propagation delays with capacitive loads, is
covered by the HCMOS graphs showing the output drive
capability and those showing the dependence of
propagation delay on load capacitance.
The quiescent supply current ICC is the leakage current of
all the reversed-biased diodes and the OFF-state MOS
transistors. It is measured with the inputs at VCC or GND
and is typically a few nA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com