Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP688EB Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 18Page - National Semiconductor (TI) COP688EB Datasheet HTML 19Page - National Semiconductor (TI) COP688EB Datasheet HTML 20Page - National Semiconductor (TI) COP688EB Datasheet HTML 21Page - National Semiconductor (TI) COP688EB Datasheet HTML 22Page - National Semiconductor (TI) COP688EB Datasheet HTML 23Page - National Semiconductor (TI) COP688EB Datasheet HTML 24Page - National Semiconductor (TI) COP688EB Datasheet HTML 25Page - National Semiconductor (TI) COP688EB Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
CAN Interface Block
This device supports applications which require a low speed
CAN interface. It is designed to be programmed with two
transmit and two receive registers. The user’s program may
check the status bytes in order to get information of the bus
state and the received or transmitted messages. The device
has the capability to generate an interrupt as soon as one
byte has been transmitted or received. Care must be taken if
more than two bytes in a message frame are to be
transmitted/received. In this case the user’s program must
poll the transmit buffer empty (TBE)/receive buffer full (RBF)
bits or enable their respective interrupts and perform a data
exchange between the user data and the Tx/Rx registers.
Fully automatic transmission on error is supported for mes-
sages not longer than two bytes. Messages which are longer
than two bytes have to be processed by software.
The interface is compatible with CAN Specification 2.0 part
B, without the capability to receive/transmit extended
frames. Extended frames on the bus are checked and ac-
knowledged according to the CAN specification.
The maximum bus speed achievable with the CAN interface
is a function of crystal frequency, message length and soft-
ware overhead. The device can support a bus speed of up to
1 Mbit/s with a 10 MHz oscillator and 2 byte messages. The
1 Mbit/s bus speed refers to the rate at which protocol and
data bits are transferred on the bus. Longer messages re-
quire slower bus speeds due to the time required for soft-
ware intervention between data bytes. The device will sup-
port a maximum of 125k bit/s with eight byte messages and
a 10 MHz oscillator.
DS012837-16
FIGURE 14. CAN Interface Block Diagram
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com