Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR-B10 Datasheet(PDF) 2 Page - LEM

Part # APR-B10
Description  AC Current transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

APR-B10 Datasheet(HTML) 2 Page - LEM

  APR-B10_08 Datasheet HTML 1Page - LEM APR-B10_08 Datasheet HTML 2Page - LEM APR-B10_08 Datasheet HTML 3Page - LEM APR-B10_08 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current Transducer APR-B10
Isolation characteristics
V
b
Rated isolation voltage rms 1)
300
V
with IEC 61010-1 standards and following conditions :
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 2), 50 Hz, 1min
5
kV
V
e
Partial discharge extinction voltage rms @ 10 pC
1.5
kV
V
w
Impulse withstand voltage 1.2/50
µs
6.1
kV
dCp
Creepage distance
5.5
mm
dCl
Clearance distance
5.5
mm
CTI
Comparative tracking index (Group I)
600
080212/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/4
Notes : 1) If insulated cable is used for the primary circuit, the voltage category could
be improved according to the insulation characteristics given by the cable
manufacturer.
e.g.
Cable insulation (primary)
Category
HAR 05
600V CAT III
HAR 07
1000V CAT III
2)
Between primary (completely filling the aperture) and secondary.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com