Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR-B10 Datasheet(PDF) 1 Page - LEM

Part # APR-B10
Description  AC Current transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

APR-B10 Datasheet(HTML) 1 Page - LEM

  APR-B10_08 Datasheet HTML 1Page - LEM APR-B10_08 Datasheet HTML 2Page - LEM APR-B10_08 Datasheet HTML 3Page - LEM APR-B10_08 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical data
Primary Nominal Current
Output Voltage (Analog)
Type
RoHS since
I
PN (A.t.rms)
V
OUT (V DC)
date code
10,25,50
0-5 or 0-10
APR 50 B10
46184
50,75,100
0-5 or 0-10
APR 100 B10
46304
100,150,200
0-5 or 0-10
APR 200 B10
46194
200,300,400
0-5 or 0-10
APR 400 B10
47150
R
L
Load resistance
≥ 10
k
Ω
V
C
Supply voltage
+ 24 ± 5%V DC
I
C
Current Consumption
< 30
mA
V
SL
Output voltage limitation (0-10V)
14
V
V
SL
Output voltage limitation (0-5V)
7
V
Î
P
Overload capability
no limitation
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
% of I
PN
ε
L
Linearity error (0 .. ± I
PN)
< ± 0.5 % of I
PN
V
OE
Electrical offset voltage @ T
A = 25°C
< ± 0.5 % of I
PN
TCV
OE
Temperature coefficient of V
OE
± 1
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
± 0.1
%/K
t
r
Response time to 90% of I
PN step
< 400
m s
BW
Frequency bandwidth (± 1 %)
30 .. 6000
Hz
General data
T
A
Ambient operating temperature
- 20 .. + 60 °C
T
S
Ambient storage temperature
- 20 .. + 85 °C
m
Mass
90
g
IPxx
Protection degree
IP20
AC Current transducer APR-B10
Split-core transducer for the electronic measurement AC currents (all
waveforms), with galvanic isolation between the primary circuit (high
power) and the secondary circuit (electronics). Switch selectable
measuring ranges and true RMS 0-5V and 0-10V switch selectable
voltage output.
I
PN = 10 .. 400 A
Features
• VFD and SCR waveforms current
measurement
• True RMS output (average)
• Split-core type
• 0-5VDC & 0-10VDC switch selectable
voltage output
• DIN rail or Panel mounting
• Switch selectable measuring ranges
• Isolated plastic case recognized
according to UL94-V0.
Advantages
• Large aperture for cable up to
Ø18mm
• High isolation between primary and
secondary circuits
• Eliminates insertion loss
• Easy installation
Applications
• VFD Controlled Loads:
VFD output indicates how the motor
and attached load are operating.
• SCR Controlled Loads:
Acurate measurement of phase
angle fired or burst fired (time
proportioned)
SCRs. Current measurement gives
faster response than temperature
measurement.
• Switching Power Supplies and
Electronic Ballasts:
True RMS sensing is the most
accurate way to measure power
supply or ballast input power.
Application domain
• Energy and Automation
080212/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/4


Similar Part No. - APR-B10_08

ManufacturerPart #DatasheetDescription
logo
LEM
APR-B10 LEM-APR-B10_1 Datasheet
70Kb / 2P
AC Current transducer
More results

Similar Description - APR-B10_08

ManufacturerPart #DatasheetDescription
logo
LEM
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
AP-B10 LEM-AP-B10_1 Datasheet
70Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
AT-B5 LEM-AT-B5 Datasheet
765Kb / 3P
AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
AC Current transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com