Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS75N75F Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS75N75F
Description  High efficiency switching DC/DC converters and
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS75N75F Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS75N75F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
R
JCS75N75F
版本:201504B
3/11
电特性
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
测试条件
Tests conditions
最大
Min
典型
Typ
最大
Max
单位
Units
关态特性
Off –Characteristics
漏-源击穿电压
Drain-Source Voltage
BV
B
DSS
B
I
B
D
B
=250μA, V
B
GS
B
=0V
75
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBV
B
DSS
B
T
B
J
B
I
B
D
B
=1mA, referenced to 25℃
-
0.08 -
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
I
B
DSS
B
V
B
DS
B
=75V,V
B
GS
B
=0V, T
B
C
B
=25℃
-
-
1
μA
V
B
DS
B
=75V,
T
B
C
B
=125℃
-
-
10
μA
正向栅极体漏电流
Gate-body leakage current, forward
I
B
GSSF
B
V
B
DS
B
=0V, V
B
GS
B
=20V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current, reverse
I
B
GSSR
B
V
B
DS
B
=0V, V
B
GS
B
=-20V
-
- -100 nA
通态特性
On-Characteristics
阈值电压
Gate Threshold Voltage
V
B
GS(th)
B
V
B
DS
B
= V
B
GS
B
, I
B
D
B
=250μA
2.0
-
4.0
V
静态导通电阻
Static Drain-Source On-Resistance
R
B
DS(ON)
B
V
B
GS
B
=10V , I
B
D
B
=40A
-
9.0 11.0 mΩ
正向跨导
Forward Transconductance
g
B
fs
B
V
B
DS
B
= 10V , I
B
D
B
=40A(note 4) -
68
-
S
动态特性
Dynamic Characteristics
输入电容
Input capacitance
C
B
iss
B
V
B
DS
B
=25V,
V
B
GS
B
=0V,
f=1.0MH
B
Z
B
- 4230
-
pF
输出电容
Output capacitance
C
B
oss
B
-
821
-
pF
反向传输电容
Reverse transfer capacitance
C
B
rss
B
-
55
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com