Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS75N75F Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS75N75F
Description  High efficiency switching DC/DC converters and
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS75N75F Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS75N75F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS75N75F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
版本:201504B
1/11
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS75N75F
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device
Weight
JCS75N75CF-O-C-N-B
JCS75N75CF
TO-220C
NO
条管
Tube
2.15 g(typ)
JCS75N75FF-O-F-N-B
JCS75N75FF
TO-220MF
NO
条管
Tube
2.20 g(typ)
JCS75N75SF-O-F-N-A
JCS75N75SF
TO-263
NO
卷盘
Reel
1.37 g(typ)
JCS75N75SF-O-F-N-B
JCS75N75SF
TO-263
NO
条管
Tube
1.37 g(typ)
封装
Package
主要参数
MAIN CHARACTERISTICS
ID
75 A
VDSS
75 V
Rdson(@Vgs=10V) 11 mΩ
Qg
74 nC
产品用途
用于高 功率
DC/DC 转换和功
率开关
直流电机控制和
D 类放大器
APPLICATIONS
High efficiency switching
DC/DC converters and
switch mode power supply
DC Motor control and
Class D Amplifier
产品特性
低栅极电荷
CrssB(典型值 55pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss(typical 55pF)
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - JCS75N75F

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
JCS75N75CF THINKISEMI-JCS75N75CF Datasheet
1Mb / 5P
75V,80A Heatsink Planar N-Channel Power MOSFETs
More results

Similar Description - JCS75N75F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
41Kb / 4P
High Speed and High Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8009-H TOSHIBA-TPCA8009-H Datasheet
105Kb / 4P
High Speed and High Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com