Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6019 Datasheet(PDF) 9 Page - International Rectifier

Part # HIP6019
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HIP6019 Datasheet(HTML) 9 Page - International Rectifier

Back Button HIP6019 Datasheet HTML 5Page - International Rectifier HIP6019 Datasheet HTML 6Page - International Rectifier HIP6019 Datasheet HTML 7Page - International Rectifier HIP6019 Datasheet HTML 8Page - International Rectifier HIP6019 Datasheet HTML 9Page - International Rectifier HIP6019 Datasheet HTML 10Page - International Rectifier HIP6019 Datasheet HTML 11Page - International Rectifier HIP6019 Datasheet HTML 12Page - International Rectifier HIP6019 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IRU3007
9
Rev. 2.1
08/20/02
www.irf.com
TYPICAL APPLICATION
(Dual Layout with HIP6019)
Figure 4 - Typical application of IRU3007 in a dual layout with HIP6019 for an on-board DC-DC converter
providing power for the Vcore, GTL+, Clock supply as well as an on-board 3.3V I/O supply for the
Deschutes and the next generation processor application.
Components that need to be modified to make the dual layout work for HIP6019 and IRU3007:
S - Short
O - Open
V - See IR or Harris parts list for the value
Table 2 - Dual layout component table.
Part #
R4
R11
R18
C6
C7
C9
C11
C12
C19
C20
HIP6019
V
O
V
V
V
O
V
V
O
V
IRU3007
O
S
O
O
O
V
O
O
V
O
12V
5V
VOUT2
3.0V - 3.5V
VOUT3
1.5V
VOUT4
2.5V
PGood
VOUT1
1.8V - 3.5V
C2
C3
L1
L2
C1
C4
R1
D1
Q1
R10
R2
R3
R11
C6
R4
C7
R5
R6
R7
R8
R19
C11
R18
C12
R17
C15
Q4
C13
R15
R16
C16
L3
R14
R13
Q3
C14
C10
R12
C8
R9
C5
Q2
C19
C18
C17
C20
C9
5V
R21
R22
Gate3
Fb2
Fb4
Gnd
Fb3
VSEN2
Phase2
VID3
VID2
VID4
VID1
VID0
PGnd
U1
OCSet2
V12
V5/Comp2
VOUT4
LGate1
Phase1
UGate2
UGate1
OCSet1
SS
Fb1
VSEN1
PGood
NC/Comp1
Fault/Rt
IRU3007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com