Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6019 Datasheet(PDF) 16 Page - International Rectifier

Part # HIP6019
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HIP6019 Datasheet(HTML) 16 Page - International Rectifier

Back Button HIP6019 Datasheet HTML 9Page - International Rectifier HIP6019 Datasheet HTML 10Page - International Rectifier HIP6019 Datasheet HTML 11Page - International Rectifier HIP6019 Datasheet HTML 12Page - International Rectifier HIP6019 Datasheet HTML 13Page - International Rectifier HIP6019 Datasheet HTML 14Page - International Rectifier HIP6019 Datasheet HTML 15Page - International Rectifier HIP6019 Datasheet HTML 16Page - International Rectifier HIP6019 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
Rev. 2.1
08/20/02
IRU3007
www.irf.com
(W) SOIC Package
28-Pin Surface Mount, Wide Body
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
MIN
17.73
0.36
7.40
2.44
0.10
0.23
10.11
0
8
0.51
0.63
2.44
MAX
17.93
0.46
7.60
2.64
0.30
0.32
10.51
8
8
1.01
0.89
2.64
1.27 BSC
0.66 REF
28-PIN
SYMBOL
A
B
C
D
E
F
G
I
J
K
L
R
T
I
K
DETAIL-A
DETAIL-A
R
PIN NO. 1
0.51
6 0.020 x 458
T
A
B
D
L
J
C
F
G
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com