Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  M08A Datasheet HTML 1Page - National Semiconductor (TI) M08A Datasheet HTML 2Page - National Semiconductor (TI) M08A Datasheet HTML 3Page - National Semiconductor (TI) M08A Datasheet HTML 4Page - National Semiconductor (TI) M08A Datasheet HTML 5Page - National Semiconductor (TI) M08A Datasheet HTML 6Page - National Semiconductor (TI) M08A Datasheet HTML 7Page - National Semiconductor (TI) M08A Datasheet HTML 8Page - National Semiconductor (TI) M08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4991
3W Audio Power Amplifier with Shutdown Mode
General Description
The LM4991 is a mono bridged audio power amplifier ca-
pable of delivering 3W of continuous average power into a
3
Ω load with less than 10% THD when powered by a 5V
power supply (Note 1). To conserve power in portable appli-
cations, the LM4991’s micropower shutdown mode (I
SD =
0.1µA, typ) is activated when V
DD is applied to the SHUT-
DOWN pin.
Boomer audio power amplifiers are designed specifically to
provide high power, high fidelity audio output. They require
few external components and operate on low supply volt-
ages from 2.2V to 5.5V. Since the LM4991 does not require
output coupling capacitors, bootstrap capacitors, or snubber
networks, it is ideally suited for low-power portable systems
that require minimum volume and weight.
Additional LM4991 features include thermal shutdown pro-
tection, unity-gain stability, and external gain set.
Note 1: An LM4991LD that has been properly mounted to a circuit board will
deliver 3W into 3
Ω (at 10% THD). The other package options for the LM4991
will deliver 1.5W into 8
Ω (at 10% THD). See the Application Information
sections for further information concerning the LM4991LD and LM4991M.
Key Specifications
n
Improved PSRR at 217kHz and 1kHz
64dB (typ)
n
P
O at VDD = 5.0V, 10% THD, 1kHz
n
LM4991LD (only), 3
Ω,4Ω
3W (typ), 2.5W (typ)
n
All packages, 8
Ω load
1.5W (typ)
n
Shutdown current
0.1µA (typ)
Features
n
Available in space-saving LLP and MA packages
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 500pF
n
Improved pop & click circuitry reduces noises during
turn-on and turn-off transitions
n
2.2 - 5.5V operation
n
No output coupling capacitors, snubber networks,
bootstrap capacitors or gain-setting resistors required
n
Unity-gain stable
Applications
n
Wireless and cellular handsets
n
PDA’s
n
Portable computers
n
Desktop computers
Connection Diagrams
Small Outline Package
LLP Package
20074002
Top View
Order Number LM4991MA
See NS Package Number M08A
20074039
Top View
Order Number LM4991LD
See NS Package Number LDC08A
Boomer® is a registered trademark of National Semiconductor Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS200740
www.national.com


Similar Part No. - M08A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
M08A NSC-M08A Datasheet
62Kb / 5P
Dual Output Internally Preset Thermostat
More results

Similar Description - M08A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com