Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button M08A Datasheet HTML 7Page - National Semiconductor (TI) M08A Datasheet HTML 8Page - National Semiconductor (TI) M08A Datasheet HTML 9Page - National Semiconductor (TI) M08A Datasheet HTML 10Page - National Semiconductor (TI) M08A Datasheet HTML 11Page - National Semiconductor (TI) M08A Datasheet HTML 12Page - National Semiconductor (TI) M08A Datasheet HTML 13Page - National Semiconductor (TI) M08A Datasheet HTML 14Page - National Semiconductor (TI) M08A Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
must make sure that the power supply choice along with the
output impedance does not violate the conditions explained
in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
(4)
R
f/Ri =AVD/2
(5)
From Equation 4, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance was 20k
Ω, and with a
A
VD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an
allocation of R
i = 20k
Ω and R
f = 30k
Ω. The final design step
is to address the bandwidth requirements which must be
stated as a pair of −3dB frequency points. Five times away
from a −3dB point is 0.17dB down from passband response
which is better than the required ±0.25dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i
≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4991 GBWP of
4MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4991 can still be used without running into bandwidth
limitations.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com