Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3206 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3206
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206 Datasheet(HTML) 4 Page - Linear Technology

  LTC3206 Datasheet HTML 1Page - Linear Technology LTC3206 Datasheet HTML 2Page - Linear Technology LTC3206 Datasheet HTML 3Page - Linear Technology LTC3206 Datasheet HTML 4Page - Linear Technology LTC3206 Datasheet HTML 5Page - Linear Technology LTC3206 Datasheet HTML 6Page - Linear Technology LTC3206 Datasheet HTML 7Page - Linear Technology LTC3206 Datasheet HTML 8Page - Linear Technology LTC3206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3206
4
3206f
TYPICAL PERFOR A CE CHARACTERISTICS
1.5x Mode CPO Voltage
vs Load Current
1x Mode Switch Resistance
vs Temperature
1.5x Mode Charge Pump Open-
Loop Output Resistance vs
Temperature (1.5VIN – VCPO)/ICPO
TEMPERATURE (°C)
–40
0.8
0.9
60
3206 G04
0.7
0.6
0.5
–15
10
35
85
ICPO = 100mA
VIN = 3.3V
VIN = 3.9V
VIN = 3.6V
TEMPERATURE (°C)
–40
1.50
1.75
2.00
2.25
2.50
–15
10
35
60
3206 G05
85
VIN = 3V
VCPO = 4.2V
CIN = CCPO = CFLY1 = CFLY2 = 1.6µF
LOAD CURRENT (mA)
0
4.4
4.6
4.8
400
3206 G06
4.2
4.0
4.3
4.5
4.7
4.1
3.9
3.8
100
200
300
500
VIN = 3V
CIN = CCPO = CFLY1 CFLY2 = 1.6µF
TA = 25°C
3.1V
3.3V
3.2V
3.6V
3.5V
3.4V
Oscillator Frequency
vs Supply Voltage
DVCC Shutdown Current
vs Input Voltage
VIN SUPPLY VOLTAGE (V)
2.7
700
800
900
1000
1100
3.0
3.3
3.6
3.9
3206 G07
4.2
4.5
TA = –40°C
TA = 85°C
TA = 25°C
DVCC VOLTAGE (V)
2.7
0
0.1
0.2
0.3
0.4
0.5
3.0
3.3
3.6
3.9
3206 G08
4.2
4.5
VIN = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
INPUT VOLTAGE (V)
2.7
0
2
4
6
8
10
3.0
3.3
3.6
3.9
3206 G09
4.2
4.5
DVCC = 3V
TA = –40°C
TA = 85°C
TA = 25°C
1.5x Mode Supply Current
vs ICPO (IIN – 1.5ICPO)
LOAD CURRENT (mA)
0
0
2
4
6
8
10
50
100
150
200
3206 G11
250
300
VIN = 3.6V
TA = 25°C
LED Pin Voltage for Higher LED
Currents
INPUT VOLTAGE (V)
2.7
100
150
200
250
300
3.0
3.3
3.6
3.9
3206 G10
4.2
4.5
TA = 25°C
IMS = IRGB = 0µA
1x Mode No Load Supply Current
vs Input Voltage
VIN Shutdown Current
vs Input Voltage
3206 G12
LED PIN VOLTAGE (V)
0
0
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
VIN = 3.6V
TA = 25°C
IMS, IRGB = 250µA
IMS, IRGB = 200µA
IMS, IRGB = 150µA
IMS, IRGB = 100µA
IMS, IRGB = 50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com