Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3206 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3206
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3206 Datasheet HTML 2Page - Linear Technology LTC3206 Datasheet HTML 3Page - Linear Technology LTC3206 Datasheet HTML 4Page - Linear Technology LTC3206 Datasheet HTML 5Page - Linear Technology LTC3206 Datasheet HTML 6Page - Linear Technology LTC3206 Datasheet HTML 7Page - Linear Technology LTC3206 Datasheet HTML 8Page - Linear Technology LTC3206 Datasheet HTML 9Page - Linear Technology LTC3206 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3206
6
3206f
BLOCK DIAGRA
11
5
4
6
3
14
25
–
+
IMS
15
VIN
960kHz
OSCILLATOR
1x AND 1.5x CHARGE PUMP
–
+
IRGB 12
SGND 13
DVCC 7
ENRGB/S 10
SCL
9
SDA
8
19 MAIN4
20 MAIN3
24 AUX2
23 AUX1
2 SUB2
1 SUB1
21 MAIN2
18 BLUE
3206 BD
17 GREEN
16 RED
22 MAIN1
2
2
2
CONTROL
LOGIC
4
4
4
24
4
4
PWM
COMMAND LATCH
I2C SERIAL PORT
–
+
C1+
C1–
C2+
C2–
PGND
CPO
ENABLECP
STOP
OPERATIO
Power Management
To optimize efficiency, the power management section of
the LTC3206 provides two methods of supplying power to
the CPO pin: 1x direct connect mode or 1.5x boost mode.
When any display of the LTC3206 is enabled, the power
management system connects the CPO pin directly to VIN
with a low impedance switch. If the voltage supplied at VIN
is high enough to power all of the LEDs with the pro-
grammed current, the system will remain in this “direct
connect” mode providing maximum efficiency. Internal
circuits monitor all current sources for the onset of “drop-
out,” the point at which the current sources can no longer
supply programmed current. As the battery voltage falls,
the LED with the largest forward voltage will reach the drop-
out threshold first. When any of the LED pins reach the drop-
out threshold, the LTC3206 will switch to boost mode and
automatically soft-start the 1.5x boost charge pump. The
constant frequency charge pump is designed to minimize
the amount of noise generated at the VIN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com