Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CBE9 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CBE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CBE9 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button COP8CBE9 Datasheet HTML 35Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 36Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 37Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 38Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 39Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 40Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 41Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 42Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
8.0 USART (Continued)
8.1 USART CONTROL AND STATUS REGISTERS
The operation of the USART is programmed through three
registers: ENU, ENUR and ENUI.
8.2 DESCRIPTION OF USART REGISTER BITS
ENU — USART CONTROL AND STATUS REGISTER (Ad-
dress at 0BA)
PEN
PSEL1 XBIT9/
CHL1
CHL0
ERR
RBFL
TBMT
PSEL0
Bit 7
Bit 0
PEN: This bit enables/disables Parity (7- and 8-bit modes
only). Read/Write, cleared on reset.
PEN = 0
Parity disabled.
PEN = 1
Parity enabled.
PSEL1, PSEL0: Parity select bits. Read/Write, cleared on
reset.
PSEL1 = 0, PSEL0 = 0
Odd Parity (if Parity enabled)
PSEL1 = 0, PSEL1 = 1
Even Parity (if Parity enabled)
PSEL1 = 1, PSEL0 = 0
Mark(1) (if Parity enabled)
PSEL1 = 1, PSEL1 = 1
Space(0) (if Parity enabled)
20022525
FIGURE 22. USART Block Diagram
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com